Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F802 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
56F802 Technical Data, Rev. 9
18
Freescale Semiconductor
Figure 3-1 Maximum Run IDD vs. Frequency (see Note 6. in Table 3-4)
3.3 AC Electrical Characteristics
Timing waveforms in Section 3.3 are tested using the VIL and VIHlevels specified in the DC Characteristics
table. In Figure 3-2 the levels of VIH and VIL for an input signal are shown.
Figure 3-2 Input Signal Measurement References
Figure 3-3 shows the definitions of the following signal states:
•
Active state, when a bus or signal is driven, and enters a low impedance state
•
Tri-stated, when a bus or signal is placed in a high impedance state
10. Power
–on reset occurs whenever the internally regulated 2.5V digital supply drops below 1.5V typical. While power is ramping up,
this signal remains active for as long as the internal 2.5V is below 1.5V typical no matter how long the ramp up rate is. The internally
regulated voltage is typically 100 mV less than VDD during ramp up until 2.5V is reached, at which time it self regulates.
0
40
80
120
160
10
20
30
40
50
60
70
80
Freq. (MHz)
IDD Digital
IDD Analog
IDD Total
VIH
VIL
Fall Time
Input Signal
Note: The midpoint is VIL + (VIH – VIL)/2.
Midpoint1
Low
High
90%
50%
10%
Rise Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com