Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL808 Datasheet(PDF) 21 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL808
Description  2.4 GHz RF transceiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL808 Datasheet(HTML) 21 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL808 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
BL808 Datasheet
– When the bit width is 16 bits, the depth of the FIFO is 16
– When the bit width is 8 bits, the depth of the FIFO is 32
• Support DMA transfer mode
2.10.4 I2C
The chip has four built-in I2C interfaces with the following features:
• Support multi-master mode and arbitration function
• The working clock can be selected as BCLK or XCLK
• With device address register, register address register, register address length can be set to 1 byte / 2 bytes / 3
bytes / 4 bytes
• I2C has independent transceiver FIFO, FIFO depth is 2 words
• Support DMA function
2.10.5 I2S
The chip has a built-in I2S interface with the following features:
• Support master mode and slave mode
• Support Left-justified/ Right-justified/ DSP and other data formats, the data width can be configured as 8/16/24/32
bits
• The working clock can be selected as BCLK or XCLK
• Supports both four-channel and six-channel modes in addition to mono/dual-channel mode
• Supports playback of mono audio dubbing to binaural mode
• Support dynamic mute switching function
• I2S has independent transceiver FIFO, FIFO depth is 16 words
• Support DMA function
2.10.6 EMAC
The EMAC module is a 10/100Mbps Ethernet Media Access Controller (Ethernet MAC) compatible with IEEE 802.3,
has the following characteristics:
• Compatible with the MAC layer defined by IEEE 802.3
• PHY supporting MII/RMII interface defined by IEEE 802.3
• Interacts with PHY through MDIO interface
BL808 Datasheet
21/ 93
@2022 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com