Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL808 Datasheet(PDF) 28 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL808
Description  2.4 GHz RF transceiver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL808 Datasheet(HTML) 28 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL808 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 26Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 29Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 31Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL808 Datasheet HTML 32Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
BL808 Datasheet
BL808D 88-pin package includes 27 power pins, 25 analog pins, and 36 flexible GPIO pins.
1
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
11
12
13
14
66
50
51
52
65
64
63
62
61
60
59
58
57
56
55
54
53
27 28 29 30 31 32 33
21
22
23 24 25 26
34
86
87
88
79 78 77 76 75 74 73
85 84 83 82 81 80
72
QFN88D
VDD33_RF
VDD33_RF
VDDCORE
SW_DCDC18
VDD33_DCDC18
DOVDD18_OUT
VDD33_CIS(USB)
VDDIO1
PAD_GPIO_0
PAD_GPIO_1
PAD_GPIO_2
PAD_GPIO_3
PAD_GPIO_4
PAD_GPIO_5
VDDIO3
MIC_1P
MIC_1N
PAD_GPIO_21
PAD_GPIO_20
PAD_GPIO_19
PAD_GPIO_18
PAD_GPIO_17
PAD_GPIO_16
LINEOUT_1P
VDD15_CIS
VSS_IDO28CIS
VDD28_CIS
PAD_GPIO_6
PAD_GPIO_7
PAD_GPIO_8
35 36 37 38 39 40 41 42 43 44
45
46
47
49
48
PAD_GPIO_22
PAD_GPIO_23
AVDD12
AVDD12
CSI_DN<1>
CSI_DP<1>
CSI_CLK_DN
CSI_CLK_DP
CSI_DN<0>
CSI_DP<0>
71 70 69 68 67
PAD_GPIO_44
PAD_GPIO_45
PAD_GPIO_42
PAD_GPIO_43
Fig. 3.2: BL808D Pin layout
Table 3.1: Pin Description
BL808C
BL808D
Voltage Domain
Type
Pin Name
GPIO Function
Select Number
Peripheral Internal
Function Select
PAD Main
Function
Description
BL808C
BL808D
Voltage Domain
Type
Pin Name
GPIO Function
Select Number
Peripheral Internal
Function Select
PAD Main
Function
Description
1
1
-
Power
SW_DCDC18
-
-
SW_DCDC18
DCDC switch output, connected to power inductor
2
2
-
Power
VDD33_DCDC18
-
-
VDD33_DCDC18
DCDC power input, 3.3V
3
3
-
Power
DOVDD18_OUT
-
-
DOVDD18_OUT
DCDC mode, feedback voltage input, 1.8V LDO
mode, power output, 1.8V
4
4
-
Power
VDD15_CIS
-
-
VDD15_CIS
Integrated LDO output to power the image sensor
digital power DVDD
5
5
-
Power
VSS_IDO28CIS
-
-
VSS_IDO28CIS
Connect to the image sensor analog ground AGND
6
6
-
Power
VDD28_CIS
-
-
VDD28_CIS
Integrated LDO output to power the image sensor
analog power supply AVDD
7
7
-
Power
VDD33_CIS(USB)
-
-
VDD33_CIS(USB)
Integrated LDO VDD28_CIS input, 3.3V
8
-
VDDIO_1
DI/DO
USB_DP
-
-
USB_DP
USB2.0 differential data cable+
9
-
VDDIO_1
DI/DO
USB_DN
-
-
USB_DN
USB2.0 differential data cable
BL808 Datasheet
28/ 93
@2022 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com