Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 35 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 31Page - Texas Instruments DAC39RFS10 Datasheet HTML 32Page - Texas Instruments DAC39RFS10 Datasheet HTML 33Page - Texas Instruments DAC39RFS10 Datasheet HTML 34Page - Texas Instruments DAC39RFS10 Datasheet HTML 35Page - Texas Instruments DAC39RFS10 Datasheet HTML 36Page - Texas Instruments DAC39RFS10 Datasheet HTML 37Page - Texas Instruments DAC39RFS10 Datasheet HTML 38Page - Texas Instruments DAC39RFS10 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 226 page
background image
6.7 Electrical Characteristics - Power Consumption
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, 2 channels, FINPUT = 2.56 GSPS, JMODE 1, 8b/10b encoding, 4x Interpolation, FCLK = 10.24 GHz, FOUT = 2997
MHz, NRZ mode, IFSSWITCH = 20.5 mA, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 1: 1 Stream with Dual
DACs in parallel, JMODE 0, FDAC =
10.24 GSPS, FOUT = 2997 MHz, NRZ
mode (dual channel version only)
75
mA
IVDDIO
1.8-V supply current for VDDIO
1
IVDDCSR
1.8-V combined supply current for
VDDCLK18, VDDSYS18 and VDDR18
168
IVDDL
1.0-V combined supply current for
VDDLB, VDDLA
326
IVDDCLK
1.0-V supply current for VDDCLK10
496
IDVDD
1.0-V supply current for VDDDIG,
VDDT, VDDEB and VDDEA
2263
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
123
PDIS
Total power dissipation
3747
mW
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 2: Dual DACs, 1 IQ input
stream per DAC, FINPUT = 2.56 GSPS,
JMODE 2, 4x Interpolation, FDAC =
10.24 GSPS, FOUT = 2997 MHz, NRZ
mode (dual channel version only)
75
mA
IVDDIO
1.8-V supply current for VDDIO
1
IVDDCSR
1.8-V combined supply current for
VDDCLK18, VDDSYS18 and VDDR18
168
IVDDL
1.0-V combined supply current for
VDDLB, VDDLA
326
IVDDCLK
1.0-V supply current for VDDCLK10
497
IDVDD
1.0-V supply current for VDDDIG,
VDDT, VDDEB and VDDEA
3256
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
123
PDIS
Total power dissipation
4742
mW
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 3: Dual DACs, 2 IQ
input streams per DAC, FINPUT = 640
MSPS, JMODE 3, 16x Interpolation,
FDAC = 10.24 GSPS, FOUT1 = 2997
MHz, FOUT2 = 3997 MHz, NRZ mode
(dual channel version only)
75
mA
IVDDIO
1.8-V supply current for VDDIO
1
IVDDCSR
1.8-V combined supply current for
VDDCLK18, VDDSYS18 and VDDR18
133
IVDDL
1.0-V combined supply current for
VDDLB, VDDLA
327
IVDDCLK
1.0-V supply current for VDDCLK10
497
IDVDD
1.0-V supply current for VDDDIG,
VDDT, VDDEB and VDDEA
3191
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
123
PDIS
Total power dissipation
4612
mW
www.ti.com
DAC39RF10, DAC39RFS10
SBASAC8B – MAY 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DAC39RF10 DAC39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com