Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 4 Page - Texas Instruments

  DAC39RFS10 Datasheet HTML 1Page - Texas Instruments DAC39RFS10 Datasheet HTML 2Page - Texas Instruments DAC39RFS10 Datasheet HTML 3Page - Texas Instruments DAC39RFS10 Datasheet HTML 4Page - Texas Instruments DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 226 page
background image
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
COORD.
DAC Outputs
DACOUTA-
A13
O
DAC channel A analog output negative terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance.
DACOUTA+
A12
O
DAC channel A analog output positive terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance.
DACOUTB-
T13
O
DAC channel B analog output negative terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance. Not available in single channel
devices.
DACOUTB+
T12
O
DAC channel B analog output positive terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance. Not available in single channel
devices.
Differential Clock and SYSREF Inputs
CLK-
E16
I
Device clock input negative terminal. There is an internal 100-Ω differential termination
between CLK+ and CLK–. This input is self-biased and should be AC coupled to the clock
source.
CLK+
D16
I
Device clock input positive terminal. There is an internal 100-Ω differential termination
between CLK+ and CLK–. This input is self-biased and should be AC coupled to the clock
source.
SYSREF-
N16
I
Differential JESD204C SYSREF input negative terminal.There is an internal 100-Ω
differential termination between SYSREF+ and SYSREF–.
SYSREF+
M16
I
Differential JESD204C SYSREF input negative terminal.There is an internal 100-Ω
differential termination between SYSREF+ and SYSREF–.
SerDes Interface
0SRX-
A7
I
Serdes Lane 0 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 0SRX+.
0SRX+
A8
I
Serdes Lane 0 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 0SRX-.
1SRX-
B7
I
Serdes Lane 1 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 1SRX+.
1SRX+
B8
I
Serdes Lane 1 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 1SRX-.
2SRX-
A4
I
Serdes Lane 2 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 2SRX+.
2SRX+
A5
I
Serdes Lane 2 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 2SRX-.
3SRX-
B4
I
Serdes Lane 3 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 3SRX+.
3SRX+
B5
I
Serdes Lane 3 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 3SRX-.
4SRX-
D1
I
Serdes Lane 4 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 4SRX+.
4SRX+
C1
I
Serdes Lane 4 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 4SRX-.
5SRX-
D2
I
Serdes Lane 5 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 5SRX+.
5SRX+
C2
I
Serdes Lane 5 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 5SRX-.
6SRX-
G1
I
Serdes Lane 6 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 6SRX+.
6SRX+
F1
I
Serdes Lane 6 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 6SRX-.
7SRX-
G2
I
Serdes Lane 7 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 7SRX+.
DAC39RF10, DAC39RFS10
SBASAC8B – MAY 2023 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DAC39RF10 DAC39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com