Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M404 Datasheet(PDF) 76 Page - B&K Precision Corporation

Part # M404
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M404 Datasheet(HTML) 76 Page - B&K Precision Corporation

Back Button M404 Datasheet HTML 72Page - B&K Precision Corporation M404 Datasheet HTML 73Page - B&K Precision Corporation M404 Datasheet HTML 74Page - B&K Precision Corporation M404 Datasheet HTML 75Page - B&K Precision Corporation M404 Datasheet HTML 76Page - B&K Precision Corporation M404 Datasheet HTML 77Page - B&K Precision Corporation M404 Datasheet HTML 78Page - B&K Precision Corporation M404 Datasheet HTML 79Page - B&K Precision Corporation M404 Datasheet HTML 80Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
70
30)
Setting display scale
Command : SCALE* *
( * *: 2 / 5 / 10 )
Example: SCALE10
Query: SCALE?
31)
Setting sweep time
Command : SWEEP* * * *
( * * * * : 10M / 30M / 0.1S / 0.3S / 1S / 3S / 10S / 30S / AUTO / ALL)
Example: SWEEP0.1S
Query: SWEEP?
32)
Setting detection mode
Command : DET* * *
( * * *: POS / NEG / SMP )
Example: DETPOS
Query: DET?
33)
Setting trigger source
Command : TRG* * *
( * * *: INT / EXT)
Example: TRGEXT
Query: TRG?
34)
Request AUTOTUNE
Command : AUTO
* The response is returned after tuning.
35)
Hold/Run function
Command : HOLD
Command : RUN
36)
Request marker information
Command : MKRRES
* Example of returned data : 1.42G -15dBm
Query: MKRRES?
Command
Sweep time
10M
10ms
30M
30ms
0.1S
0.1s
0.3S
0.3s
1S
1s
Command
Sweep time
3S
3s
10S
10s
30S
30s
AUTO
AUTO
ALL
ALL AUTO
Command
Display scale
2
2dB/div
5
5dB/div
10
10dB/div
Command
Trigger source
INT
Internal
EXT
External
Command
Detection mode
POS
Positive peak mode
NEG
Negative peak mode
SMP
Sample mode
QP
QP mode (only for MSA438E)
AVG
AVG mode (only for MSA438E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com