Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M404 Datasheet(PDF) 21 Page - B&K Precision Corporation

Part # M404
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M404 Datasheet(HTML) 21 Page - B&K Precision Corporation

Back Button M404 Datasheet HTML 17Page - B&K Precision Corporation M404 Datasheet HTML 18Page - B&K Precision Corporation M404 Datasheet HTML 19Page - B&K Precision Corporation M404 Datasheet HTML 20Page - B&K Precision Corporation M404 Datasheet HTML 21Page - B&K Precision Corporation M404 Datasheet HTML 22Page - B&K Precision Corporation M404 Datasheet HTML 23Page - B&K Precision Corporation M404 Datasheet HTML 24Page - B&K Precision Corporation M404 Datasheet HTML 25Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
15
* “SPR. FR” is only for 2658A.
* Refer to “16. Calculation Function” for details.
NORMAL
MAXHLD
256
MINHLD
256
CALC
AVG
256
OVR WR
256
SPR. FR
OFF
: Set thenumber
* Refer to “17. Marker & Peak Search” for details.
MKR
CONV
dBm→W
: Movethe marker (NORM mode)
PEAK
SEARCH
NEXT
PEAK
RETURN
RETURN
MARKER
DELTA
NORMAL
OFF
PEAKSEARCH
NORMAL
ZONE
ZONE
CENTER
WIDTH
: Movethe marker (NORM mode)
: Set the zone center frequency (ZONE mode)
F4: PeakSearch
F5: Zone marker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com