| Electronic Components Datasheet Search |
|
IA88C00-PDW48C-R Datasheet(PDF) 25 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PDW48C-R Datasheet(HTML) 25 Page - InnovASIC, Inc |
|
25 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG 21 0 050519-00 www.Innovasic Innovasic.com Innovasic Semiconductor Page 25 of 80 1.888.824.4184 When an interrupt in one of the 8 levels occurs and the corresponding mask bit is not set, the level bit of the interrupt is set to 1. The interrupt structure contains 8 levels of interrupt, 16 vectors and 27 sources. Interrupt priority is assigned by level and controlled by the Interrupt Priority Register (IPR) ControlRegR255B0. Each level is masked (or enabled) according to the bits in the Interrupt Mask Register (IMR) SystemRegR221. Each bit of the Interrupt Mask register corresponds to one of the 8 levels of interrupts, IRQ register (SystemRegR220). When the corresponding bit in the Interrupt Mask register is set to one, that level interrupt is disabled. Figure 18. System Mode Register (SYM), R222 Bit 7 6 5 4 3 2 1 0 Not Used Not Used Not Used FIS2 FSI1 FSI0 FSE GIE Initial Value ? ? ? ? ? ? ? ? Read/Write R/W R/W R/W R/W R/W R/W R/W R/W The Fast Interrupt Select (FSI) selects which level interrupt can be treated as a fast interrupt. Fast Interrupt Enable (FSE), when set to 1, enables the selected level for fast interrupt. Global Interrupt Enable (GIE), when set to 1, enables interrupts in general. Figure 19. Halt Mode Register (HMR), R223 Bit 7 6 5 4 3 2 1 0 Not Used Not Used Not Used Not Used D3 D2 D1 D0 Initial Value ? ? ? ? 1 1 1 1 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W D3 - CPU HALT mode - Writing a zero to this bit will invoke the HALT mode upon the execution of the WFI instruction. The UART and counters can be halted only if D3 is 0. During HALT the internal CPU clock is disabled, and no address strobe is generated. A hardware reset sets this bit to a 1. D2 - Disable UART - Writing a zero to the bit will disable the UART. No interrupt request will be generated. A 1 will make the UART and its interrupt logic remain active in HALT mode. A hardware reset forces this bit to a 1. D1 - Disable CT1 - Similar to CT0. When the counters are cascaded, the HALT mode 32-bit counter is determined by the logical state of D1. A hardware reset forces this bit to a 1. D0 - Disable CT0 - Writing a zero to this bit will disable the CT0 in HALT mode. No interrupt request will be generated in this case. A 1 will keep the CT0 active. A hardware reset forces this bit to a 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |