Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA88C00-PDW48C-R Datasheet(PDF) 15 Page - InnovASIC, Inc

Part # IA88C00-PDW48C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48C-R Datasheet(HTML) 15 Page - InnovASIC, Inc

Back Button IA88C00-PDW48C-R Datasheet HTML 11Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 12Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 13Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 14Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 15Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 16Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 17Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 18Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 19Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 15 of 80
1.888.824.4184
Set One
FFH
EOH
DFH
DOH
CFH
COH
Mode and Control Registers
(Register Addressing Only)
System Register:
STACK, FLAGS, PORTS, etc.
(Register Addressing Only)
Working Register
(Working Register
Addressing Only)
Bank 1
Bank 0
Data Registers
(Indirect Register, Indexed,
STACK or DMA Access Only)
Set Two
FFH
COH
CFH
OOH
Data Registers
(All Addressing Modes)
192 Bytes
256 Bytes
Figure 7. IA88C00Registers
Working Register Window
Working registers are those registers found within a moveable 8-register section of the register space.
These moveable 8-register sections are defined by register pointers RP0 and RP1, which are control
registers R214 and R215.
Short 4-bit addresses are used to access working registers. The process of accessing working registers,
shown in a section of Figure 7, occurs as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com