Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC08 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
Instruction Set
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
74
Freescale Semiconductor
11.2.4 Extended
Extended instructions use three bytes and can access any address in memory. The first byte is the
opcode; the second and third bytes are the high and low bytes of the operand address.
When using the Freescale assembler, the programmer does not need to specify whether an instruction is
direct or extended. The assembler automatically selects the shortest form of the instruction.
11.2.5 Indexed, No Offset
Indexed instructions with no offset are 1-byte instructions that can access data with variable addresses
within the first 256 memory locations. The index register contains the low byte of the effective address of
the operand. The CPU automatically uses $00 as the high byte, so these instructions can address
locations $0000–$00FF.
Indexed, no offset instructions are often used to move a pointer through a table or to hold the address of
a frequently used random-access memory (RAM) or input/output (I/O) location.
11.2.6 Indexed, 8-Bit Offset
Indexed, 8-bit offset instructions are 2-byte instructions that can access data with variable addresses
within the first 511 memory locations. The CPU adds the unsigned byte in the index register to the
unsigned byte following the opcode. The sum is the effective address of the operand. These instructions
can access locations $0000–$01FE.
Indexed 8-bit offset instructions are useful for selecting the kth element in an n-element table. The table
can begin anywhere within the first 256 memory locations and could extend as far as location 510
($01FE). The k value is typically in the index register, and the address of the beginning of the table is in
the byte following the opcode.
11.2.7 Indexed, 16-Bit Offset
Indexed, 16-bit offset instructions are 3-byte instructions that can access data with variable addresses at
any location in memory. The CPU adds the unsigned byte in the index register to the two unsigned bytes
following the opcode. The sum is the effective address of the operand. The first byte after the opcode is
the high byte of the 16-bit offset; the second byte is the low byte of the offset.
Indexed, 16-bit offset instructions are useful for selecting the kth element in an n-element table anywhere
in memory.
As with direct and extended addressing, the Freescale assembler determines the shortest form of
indexed addressing.
11.2.8 Relative
Relative addressing is only for branch instructions. If the branch condition is true, the CPU finds the
effective branch destination by adding the signed byte following the opcode to the contents of the program
counter. If the branch condition is not true, the CPU goes to the next instruction. The offset is a signed,
two’s complement byte that gives a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Freescale assembler, the programmer does not need to calculate the offset, because the
assembler determines the proper offset and verifies that it is within the span of the branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com