Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC08 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
Functional Pin Descriptions
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
Freescale Semiconductor
19
Figure 1-6. 44-Pin QFP Pin Assignments
NOTE
If MC68HC705C9A devices are to be used in the same socket, pin 43
should be tied to VDD.
1.5.1 VDD and VSS
Power is supplied to the MCU using these two pins. VDD is the positive supply and VSS is ground.
1.5.2 IRQ
This interrupt pin has an option that provides two different choices of interrupt triggering sensitivity.
The IRQ pin contains an internal Schmitt trigger as part of its input to improve noise immunity. Refer to
Chapter 4 Interrupts for more detail.
1.5.3 OSC1 and OSC2
These pins provide control input for an on-chip clock oscillator circuit. A crystal or ceramic resonator
connected to these pins provides a system clock. The internal frequency is one-half the crystal frequency.
1.5.4 RESET
As an input pin, this active low RESET pin is used to reset the MCU to a known startup state by pulling
RESET low. As an output pin, the RESET pin indicates that an internal MCU reset has occurred. The
33
32
31
30
29
28
27
26
25
24
23
PC3
PC2
PC1
PC0
PD0/RDI
PD1/TDO
PD2/MISO
PD3/MOSI
PD4/SCK
PD5/SS
TCMP
1
2
3
4
5
6
7
8
9
10
11
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PB0
PB1
PB2
PB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com