Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT-3228SE9ZS-RV Datasheet(PDF) 7 Page - Kingbright Corporation

Part # KT-3228SE9ZS-RV
Description  3.2x2.8mm SMD LED WITH CERAMIC SUBSTRATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-3228SE9ZS-RV Datasheet(HTML) 7 Page - Kingbright Corporation

Back Button KT-3228SE9ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 8Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 9Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 10Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 11Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SPEC NO: DSAI6703
REV NO: V.1
DATE: AUG/26/2008
PAGE: 7 OF 12
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP: 1212000022
3.2x2.8mm SMD LED WITH CERAMIC
SUBSTRATE
Heat Generation:
1.Thermal design of the end product is of paramount importance.Please consider the heat generation of the LED when making
the system design. The coefficient of temperature increase per input electric power is affected by the thermal resistance of the
circuit board and density of LED placement on the board ,as well as other components. It is necessary to avoid intense heat
generation and operate within the maximum ratings given in this specification.
2.Please determine the operating current with consideration of the ambient temperature local to the LED and refer to the plot
of Permissible Forward current vs. Ambient temperature on CHARACTERISTICS in this specification. Please also take
measures to remove heat from the area near the LED to improve the operational characteristics on the LED.
3.The equation ① indicates correlation between Tj and Ta ,and the equation ② indicates correlation between Tj and Ts
Tj = Ta + Rthj-a *W ………
①
Tj = Ts + Rthj-s *W ………
②
Tj = dice junction temperature: °C
Ta = ambient temperature:°C
Ts = solder point temperature:°C
Rthj-a = heat resistance from dice junction temperature to ambient temperature : °C/ W
Rthj-s = heat resistance from dice junction temperature to Ts measuring point : °C/ W
W = inputting power (IFx VF) : W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com