Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K3020P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K3020P
Description  Optocoupler, Phototriac Output, 400 VDRM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3020P Datasheet(HTML) 4 Page - Vishay Siliconix

  K3020P_V01 Datasheet HTML 1Page - Vishay Siliconix K3020P_V01 Datasheet HTML 2Page - Vishay Siliconix K3020P_V01 Datasheet HTML 3Page - Vishay Siliconix K3020P_V01 Datasheet HTML 4Page - Vishay Siliconix K3020P_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83505
4
Rev. 2.1, 09-Mar-10
K3020P, K3020PG Series
Vishay Semiconductors
Optocoupler, Phototriac Output,
400 VDRM
PACKAGE DIMENSIONS millimeters
PACKAGE MARKING
i178004
0.25 typ.
2.95 ± 0.5
3.555 ± 0.255
0.8 min.
7.62 typ.
0.85 ± 0.05
2.54 typ.
1 min.
0.5 ± 0.05
6.4 ± 0.1
8.6 ± 0.1
Pin one ID
6
5
4
1
2
3
18°
3° to 9°
7.62 to 8.81
4° typ.
ISO method A
0.5 ± 0.05
0.35
0.25
10.16
10.92
7.8
7.4
10.36
9.96
K3020PG type
18450_3
21764-17
K3020P
V YWW H 68



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com