Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K3020P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K3020P
Description  Optocoupler, Phototriac Output, 400 VDRM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3020P Datasheet(HTML) 1 Page - Vishay Siliconix

  K3020P_V01 Datasheet HTML 1Page - Vishay Siliconix K3020P_V01 Datasheet HTML 2Page - Vishay Siliconix K3020P_V01 Datasheet HTML 3Page - Vishay Siliconix K3020P_V01 Datasheet HTML 4Page - Vishay Siliconix K3020P_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 83505
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 2.1, 09-Mar-10
1
Optocoupler, Phototriac Output, 400 VDRM
K3020P, K3020PG Series
Vishay Semiconductors
DESCRIPTION
The K3020P, 3020PG series consists of a phototriac
optically coupled to a gallium arsenide infrared-emitting
diode in a 6-lead plastic dual inline package
FEATURES
• 400 V blocking voltage
• Isolation test voltage, 5300 VRMS, t = 1 s
• Isolation materials per UL94
• Compliant to RoHS directive to 2002/95/EC
and in accordance WEEE 2002/96/EC
APPLICATIONS
• High current triac driver
• Solid state relay
• Switch small AC loads
AGENCY APPROVALS
• UL1577, file no. E52744 system code H
• CSA notice 5A compliant, cUL tested
• DIN EN 60747-5-5 (VDE0884)
• BSI IEC 60950; IEC 60065 pending
Note
•
G = leadform 10.16 mm; G is not marked on the body.
17221-2
6
54
2
3
1
A (+)
C (-)
NC
~
~
Note: pin 5 must not be connected
V
DE
17201_4
ORDERING INFORMATION
K
302
0
P
#
X
0
#
#
T
PART NUMBER
TRIGGER
CURRENT
BIN
PACKAGE OPTION
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
TRIGGER CURRENT, IFT
VDE, cUL, BSI
3.6 mA
5 mA
10 mA
15 mA
30 mA
DIP-6
K3036P
K3023P
K3022P
K3021P
K3020P
DIP-6, 400 mil
K3036PG
K3023PG
K3022PG
K3021PG
K3020PG
ABSOLUTE MAXIMUM RATINGS (1) (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
5V
Forward current
IF
80
mA
Surge current
P.W. < 10 µs
IFSM
3A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
100
°C
OUTPUT
Peak off-state voltage
VDRM
400
V
On-state RMS current
ID(RMS)
100
mA
Peak surge current
tp  10 ms
IFSM
1.5
A
Power dissipation
Pdiss
300
mW
Junction temperature
Tj
100
°C
10.16 mm
7.62 mm
DIP-6
G leadform


Similar Part No. - K3020P_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3020PG VISHAY-K3020PG Datasheet
146Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
K3020PG VISHAY-K3020PG Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
K3020PG VISHAY-K3020PG Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
More results

Similar Description - K3020P_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
Optocoupler, Phototriac Output
26-Apr-04
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
Optocoupler, Phototriac Output
11-Apr-05
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
09-Sep-13
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
Optocoupler, Phototriac Output, 400 VDRM
18-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com