Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XZMEKXVG161W Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZMEKXVG161W
Description  2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMEKXVG161W Datasheet(HTML) 1 Page - SunLED Corporation

  XZMEKXVG161W Datasheet HTML 1Page - SunLED Corporation XZMEKXVG161W Datasheet HTML 2Page - SunLED Corporation XZMEKXVG161W Datasheet HTML 3Page - SunLED Corporation XZMEKXVG161W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZMEKXVG161W
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Apr 24,2023
XDSB9583 V1-X Layout: Maggie L.
P. 1/4
Absolute Maximum Ratings
(TA=25°C)
Red
(AlGaI
nP)
Green
(AlGaI
nP)
Unit
Reverse Voltage
VR
5
5
V
Forward Current
IF
30
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
195
150
mA
Power Dissipation
PD
75
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
Package Schematics
Operating Characteristics
(TA=25°C)
Red
(AlGaI
nP)
Green
(AlGaI
nP)
Unit
Forward Voltage (Typ.) (IF=20mA)
VF
2.0
2.1
V
Forward Voltage (Max.) (IF=20mA)
VF
2.5
2.5
V
Reverse Current (Max.) (VR=5V)
IR
10
10
μA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
630*
574*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
621*
570*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
△
λ
20
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
25
15
pF
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XZMEKXVG161W
Water Clear
130°
Red
AlGaInP
80
20*
108
39*
630*
Green
AlGaInP
20
20*
44
44*
574*
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Package Schematics
Features
● 2.5 x 0.7 x 1.0 mm right angle SMD LED
● Ideal for indication on hand held products
● Low current operation
● Standard Package: 3,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● Halogen-free
● RoHS compliant
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The solder stencil thickness for right angle SMD LEDs should be at least 5mil in order to
prevent poor solder wetting.


Similar Part No. - XZMEKXVG161W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMEKXVG161W-A SUNLED-XZMEKXVG161W-A Datasheet
314Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Apr 24,2023
More results

Similar Description - XZMEKXVG161W

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APFA2507LQBDSEEZGKC TO-GRACE-APFA2507LQBDSEEZGKC Datasheet
1Mb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
APFA2507LSURKSYKZGKC TO-GRACE-APFA2507LSURKSYKZGKC Datasheet
1Mb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
KPFA-2507BRGC-11 TO-GRACE-KPFA-2507BRGC-11 Datasheet
1Mb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APFA2507B2R2C KINGBRIGHT-APFA2507B2R2C Datasheet
475Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2A Date: 01/11/2023
APFA2507B2Y2C KINGBRIGHT-APFA2507B2Y2C Datasheet
475Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2B Date: 01/11/2023
APFA2507LQBDSEEZGKC KINGBRIGHT-APFA2507LQBDSEEZGKC_V01 Datasheet
515Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.6B Date: 01/11/2023
APFA2507LSURKSYKZGKC KINGBRIGHT-APFA2507LSURKSYKZGKC_V01 Datasheet
519Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.5A Date: 01/11/2023
APFA2507R9Y2C KINGBRIGHT-APFA2507R9Y2C Datasheet
479Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2A Date: 01/11/2023
APFA2507Y2G2C-C2 KINGBRIGHT-APFA2507Y2G2C-C2 Datasheet
499Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2B Date: 01/11/2023
APFA2507Y3G3-CC KINGBRIGHT-APFA2507Y3G3-CC Datasheet
505Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.2B Date: 01/11/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com