Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XZMEKXVG161W Datasheet(PDF) 3 Page - SunLED Corporation

Part # XZMEKXVG161W
Description  2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMEKXVG161W Datasheet(HTML) 3 Page - SunLED Corporation

  XZMEKXVG161W Datasheet HTML 1Page - SunLED Corporation XZMEKXVG161W Datasheet HTML 2Page - SunLED Corporation XZMEKXVG161W Datasheet HTML 3Page - SunLED Corporation XZMEKXVG161W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number: XZMEKXVG161W
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Apr 24,2023
XDSB9583 V1-X Layout: Maggie L.
P. 3/4
LED is recommended for reflow soldering and
soldering profile is shown below.
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
The device has a single mounting surface.
The device must be mounted according to the
specifications.
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Reel Dimension (Units : mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com