Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF949 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PRF949
Description  UHF wideband transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRF949 Datasheet(HTML) 3 Page - NXP Semiconductors

  PRF949 Datasheet HTML 1Page - NXP Semiconductors PRF949 Datasheet HTML 2Page - NXP Semiconductors PRF949 Datasheet HTML 3Page - NXP Semiconductors PRF949 Datasheet HTML 4Page - NXP Semiconductors PRF949 Datasheet HTML 5Page - NXP Semiconductors PRF949 Datasheet HTML 6Page - NXP Semiconductors PRF949 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Oct 29
3
Philips Semiconductors
Preliminary specification
UHF wideband transistor
PRF949
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1.
Ts is the temperature at the soldering point of the collector pin.
THERMAL CHARACTERISTICS
Note
1.
Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
10
V
VEBO
emitter-base voltage
open collector
1.5
V
IC
DC collector current
50
mA
IC(AV)
average collector current
50
mA
Ptot
total power dissipation
Ts =60
°C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction
to soldering point
Ptot = 180 mW; Ts =90
°C; note 1
335
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com