Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL2S3103FUD Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SL2S3103FUD
Description  ICODE 3 97pF
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3103FUD Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SL2S3103FUD Datasheet HTML 26Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 27Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 28Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 29Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 30Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 31Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 32Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 33Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
NXP Semiconductors
SL2S3103
ICODE 3 97pF
8.2.4 Configuration of delivered ICs
NXP ICODE 3 ICs are delivered with the following configuration:
• The unique identifier is unique and read-only.
• The write access allows changes to user blocks, AFI, DSFID, EAS, and passwords (password protection
disabled).
• All password bytes are 00h for the Read and Write protection password, for the EAS/AFI password, and for
the Config password.
• All password bytes are 0Fh for the privacy mode and label Destroy passwords.
• User data memory is not password protected.
• Password protected privacy Mode is disabled.
• EAS and AFI password protection is disabled.
• The status of EAS mode is not defined.
• AFI is supported and not defined
• DSFID is supported and not defined.
• The user data memory is not defined.
• NFC mirror feature is disabled.
Note:
1. As the EAS mode is undefined at delivery, enable or disable EAS mode according to your application
requirements during the test or initialization phase.
2. If password protection is not required and depending on the targeted application, write random passwords
during the label initialization (recommendation).
8.3 Communication principle
For the detailed description of the protocol and timing refer to ISO/IEC 15693-2 [2] (modulation, bit-coding,
framing), and ISO/IEC 15693-3 [3] (anti-collision, timing, protocol).
SL2S3103
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 29 May 2024
Document feedback
30 / 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com