Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL2S3103FUD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SL2S3103FUD
Description  ICODE 3 97pF
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3103FUD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SL2S3103FUD Datasheet HTML 3Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 4Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 5Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 6Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 7Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 8Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 9Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 10Page - NXP Semiconductors SL2S3103FUD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
NXP Semiconductors
SL2S3103
ICODE 3 97pF
6 Wafer layout
not to scale!
GND
LA
LB
TP
Figure 2. SL2S3103FUD wafer layout and pin configuration for the bare die
6.1 Pin description
Symbol
Description
LA
Antenna connection LA
LB
Antenna connection LB
GND
Ground (disconnected from internal circuitry)
TP
Test pin (disconnected from internal circuitry)
Table 2. Bonding pad description
Refer to [5].
SL2S3103
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 29 May 2024
Document feedback
7 / 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com