Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K14101 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # K14101
Description  boxes and ancillary products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K14101 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  K14101 Datasheet HTML 1Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 2Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 3Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 4Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
technical hotline +44 (0)1268 563720
boxes and ancillary products
| wiring devices
199
Boxes
DimenSionS: 87 x 87mm
FixinG CentReS: 60.3mm
KnoCKoutS:
2180: one ‘push-out’ for 20mm
oval conduit in top, one ‘cut-out’
for 20mm or 25mm oval conduit
and one 20mm round ‘push-out’
in the base.
2181: one ‘push-out’ for 20mm
round conduit in top and one
20mm round ‘push-out’ in base.
BS 5733: 2010
with earth terminal
DimenSionS:87 x 87mm
FixinG CentReS: 60.3mm
KnoCKoutS ‘Cut-out’ provided
in top and bottom for 16mm oval
PVC conduit. 20mm round ‘push-
out’ type knockout in base for
cable entry. Fixing holes are also
provided for mounting to wall or
over BS 4568 Pt.2 small circular
boxes. BS 5733: 2010
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
Dual box 887ZiC will accept
any two flush accessories
with 86mm square plates
and two m3.5 fixing holes
on 60.3mm centres.
DimenSionS:
75 x 161 x 35mm
KnoCKoutS:
2 gang 10 x 20mm
4 x 25mm
BS 4662: 2006
DimenSionS:
1 gang: 75 x 27 x 27mm
FixinG CentReS:
1 gang: 60.3mm
KnoCKoutS:
1 gang: 3 x 16mm
BS 4662: 2006
DimenSionS: 87 x 148mm
FixinG CentReS: 120.6mm
KnoCKoutS:
2182: two ‘push-outs’ for
20mm oval conduit in top, two
‘cut-outs’ for 20mm or 25mm
oval conduit and one 20mm
round ‘push-out’ in base
2183: one ‘push-out’ for 20mm
round conduit in top and one
20mm round ‘push-out’ in base.
BS 5733: 2010
2180WHI
1 GanG
2181WHI
1 GanG
2120WHI
FoR 1, 2 anD
3 GanG
PlateSwitCHeS
K2200
1 GanG
K2202
2 GanG
887ZIC
Dual Box
888ZIC
DiViDinG SCReen
FoR Dual Box
3921ZIC
1 GanG
2182WHI
2 GanG
2183WHI
2 GanG
accessories not supplied
with unit.
FixinG CentReS:
60.3mm
DimenSionS:
3390: 81 x 81mm
3370: 76 x 76mm
3369: 76 x 136mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
3390ALM
FoR 1 GanG SuRFaCe
BoxeS 899 & 829
3370ALM
FoR 1 GanG SuRFaCe
BoxeS 891 & 821
3369ALM
FoR 2 GanG SuRFaCe
BoxeS 892 & 822
DimenSionS:
K3390: 86 x 86mm
K3369: 86 x 147mm
FixinG CentReS:
K3390: 60.3mm
K3369: 120.6mm
BS 5733: 2010
K3390ALM
FoR 1 GanG
SuRFaCe BoxeS
K899 & K829
K3369ALM
FoR 2 GanG
SuRFaCe BoxeS
K830 & K897
GWR1WHI
1 GanG
32mm
SURFACE
19mm
SURFACE
Metal
Frames
For Panel
Mounting
DUAL
FLUSH
Steel Boxes
ARCHITRAvE
FLUSH
Blank
Plates
METALCLAD PLUS
guardian
Socket
Cover
MOUNTING BOx ACCESSORIES see page 201
DimenSionS:
1 gang: 87 x 87mm
2 gang: 87 x 148mm
3 gang: 87 x 208mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
3 gang: 180.9mm
BS 4662: 2006
where applicable
KnoCKoutS:
K2181: one ‘cut-out’ for 20mm round
conduit in top face, one ‘cut-out’ for
20mm or 25mm oval conduit in lower
face and one 20mm round ‘push-out’ in
the base.
K2183 and K2185: one ‘cut-out’ for
20mm round conduit in top face, two
‘cut-outs’ for 20mm or 25mm oval conduit
in lower face and one 20mm round ‘push-
out’ in the base.
Both boxes are suitable
for fitting over 1 gang and 2 gang
BS 4662 flush steel boxes respectively
K2181WHI
FoR 1 GanG loGiC PluS™ PoweR aCCeSSoRieS
K2183WHI
FoR 2 GanG loGiC PluS™ PoweR aCCeSSoRieS
K2185WHI
FoR 3 GanG loGiC PluS™ PoweR aCCeSSoRieS
PvC Boxes
32mm
SURFACE
PvC Boxes
all round flange for a flush
fit. one piece moulded lug
automatically snaps into
place. no rear projections.
Clamp device on cable
entry. will accommodate
partition thickness between
6mm and 16mm. earth
terminal facility.
BS 4662: 2006
QFB1WHI
1 GanG
QFB2WHI
2 GanG
Moulded
Boxes
DRy LINING
35mm
FLUSH
METALCLAD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com