Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K14101 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # K14101
Description  boxes and ancillary products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K14101 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  K14101 Datasheet HTML 1Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 2Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 3Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 4Page - List of Unclassifed Manufacturers K14101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
technical hotline +44 (0)1268 563720
boxes and ancillary products
| wiring devices
201
Boxes
LOGIC PLUS™ ACCESSORIES/BOx COMPATIBILITY CHART
SUrFacE MOUnTinG
Depth: (mm)
16
30
32*
38
40
41
41*
48*
55
Moulded
Moulded
Moulded
PvC
Moulded
Moulded
Steel
Steel
Steel
1 gang Sockets (13A)
K2140
K2181
K2025
K2031
K2211ALM
K2213ALM
2 gang Sockets
K2142
K2183
K2172
K2212ALM
K2214ALM
K5400
3 gang Sockets
K2153
K2185
RCD Sockets
K2172
K2212ALM
K2214ALM
K5400
Filtered Sockets
K2172
K2212ALM
K2214ALM
K5400
Connection Units
K2140
K2181
K2025
K2031
K2211ALM
K2213ALM
20A DP Switches
K2140
K2181
K2025
K2031
K2211ALM
K2213ALM
K5105 32A DP Switch
K2140
K2181
K2025
K2031
K2211ALM
K2213ALM
K5205, K5215 (CK & SH)
K2172
K2212ALM
K2214ALM
K5230
K5400
K5060, K5061
K2212
K2214ALM
K5400
K5040, K5041
n
K5001
n
K700
K2140
K2181
K2025
K2211ALM
K2213ALM
K701
K2172
1, 2 & 3 gang Switches
K2160
K2140
K2181
K2025
K2031
K2211ALM
K2213ALM
4 & 6 gang Switches
K2161
K2142
K2183
K2172
K2212ALM
K2214ALM
K5400
1 gang Architrave Switch
K2151
2 gang Architrave Switch
K2152
Dimmers using Pattress
K1501, K1511, K1531, K1532
K2160
K1521, K1534, K1533, K1535
K2160
Dimmers not using Pattress
K1501, K1511, K1531, K1532
K2140
K2181
K2025
K2031
K1521, K1534, K1533, K1535
K2140
K2181
K2025
K2211ALM
K2213ALM
K191 & K192
K2140 n
K2181
K2025
K2211ALM
K2213ALM
K193 & K194
K2142 n
K2183
K2212ALM
K2214ALM
K5400
Data/Telecom Plates
K2160
K2140
K2181
K2025
K2211ALM
K2213ALM
FlUSh MOUnTinG
Depth: (mm)
(Steel & Dry lining)
16
25*
27*
35*
45
47*
55
1 gang Sockets (13A)
861ZIC
QFB/IG1
K2061
877ZIC
2 gang Sockets
862ZIC
QFB/IG2
K2062
878ZIC
3 gang Sockets
K863
RCD Sockets
886ZIC
K2062
878ZIC
Filtered Sockets
886ZIC
K2062
878ZIC
Connection Units
866ZIC
K2061
877ZIC
20A DP Switches
866ZIC
K2061
877ZIC
K5105 32ADP Switch
866ZIC
877ZIC
K5205, K5215 (CK & SH)
886ZIC
K2062
878ZIC
K5012
K5120ALM
K5045
K2061
877ZIC
K5060, K5061
886ZIC
K2061
878ZIC
K5011
K5120ALM
K700
861ZIC
866ZIC
K2061
877ZIC
K701
878ZIC
1, 2 & 3 gang Switches
861ZIC
866ZIC
K2061
877ZIC
4 & 6 gang Switches
862ZIC
886ZIC
K2062
1 gang Architrave Switch
3921ZIC
Dimmers using Pattress
K1501, K1511, K1531, K1532
K1521, K1534, K1533, K1535
878ZIC
Dimmers not using Pattress
K1501, K1511, K1531, K1532
861ZIC
866ZIC
K2061
877ZIC
K1521, K1534, K1533, K1535
861ZIC
K2062
877ZIC
K191 & K192
861ZIC n
866ZIC n
K2061
877ZIC n
K193 & K194
862ZIC n
886ZIC n
K2062
878ZIC n
Data/Telecom Plates
861ZIC
866ZIC
K2061
877ZIC
n
Box supplied with accessory
n
Dependent upon modules used
* with conduit entry knockouts
NOTE: The size of the cable and nature of installation should be taken into consideration when choosing box depth.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com