Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33886 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33886 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33886
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.0 V V+ 28 V and -40
°C T
A 125°C unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range (11)
V+
5.0
40
V
Standby Supply Current
VEN = 5.0 V, IOUT = 0 A
IQ(standby)
20
mA
Threshold Supply Voltage
Switch-OFF
Switch-ON
Hysteresis
V+(thres-OFF)
V+(thres-ON)
V+(hys)
4.15
4.5
150
4.4
4.75
4.65
5.0
V
V
mV
CHARGE PUMP
Charge Pump Voltage
V+ = 5.0 V
8.0 V
≤ V+ ≤ 40 V
VCP - V+
3.35
20
V
CONTROL INPUTS
Input Voltage (IN1, IN2, D1, D2)
Threshold High
Threshold Low
Hysteresis
VIH
VIL
VHYS
3.5
0.7
1.0
1.4
V
Input Current (IN1, IN2, D1) (12)
VIN = 0 V
IIN
-200
-80
µA
D2 Input Current (13)
V D2 = 5.0 V
ID2
25
100
µA
Notes
11.
Specifications are characterized over the range of 5.0 V
≤ V+ ≤ 28 V. Operation >28 V will cause some parameters to exceed listed
min/max values. Refer to typical operating curves to extrapolate values for operation >28 V but
≤ 40 V.
12.
Inputs IN1, IN2, and D1 have independent internal pull-up current sources.
13.
The D2 input incorporates an active internal pull-down current sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com