Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33886 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33886 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33886
TIMING DIAGRAMS
Figure 8. Active Current Limiting Versus Time
Figure 9. Active Current Limiting Detail
[0]
[1]
Hard Short Detect and Latch-OFF
Typ. Short Ckt. Detect Threshold
PWM
Current
Limiting
(See Figure 6)
8.0
6.5
Outputs
Tristated
TIME
[0]
[0]
[1]
[1]
[0]
[1]
IN1 IN2
IN2
IN1
Outputs Operational
(per Input Control Condition)
0
Typ. Current Limit Threshold
Outputs
Tristated
IN2
IN1
OR
OR
IN1OR IN2
IN2ORIN1
Diode Reverse
Recovery Spikes
(See Figure 7)
ISCL Short Circuit Detect Threshold
for Low-Side FETs
Typical Current Limiting Threshold
Load Capacitance and/or
Diode Reverse Recovery Spikes
Hard Short Detect and Latch-Off
IN1 or IN2
IN2 or IN1
IN1 or IN2
IN2 or IN1
IN1 IN2
Outputs
Tri-stated
Outputs
Tri-stated
Outputs Operational
(per Input Control Condition)
Active
Current
Limiting
(See Figure 7)
Overcurrent Minimum Threshold
ta
tb
8.0
TIME
Typical PWM Load
Current Limiting
Waveform
Hard Output
Short Latch-OFF
ta = Tristate Output OFF Time
tb = Current Limit Blank Time
6.5
Hard Short Detect
Latch-Off Prevented During tb
Short Circuit Detect Threshold
ta = Output Latch-OFF Time
tb = Output Blanking Time
ISCL Short Circuit Detect Threshold
Typical Current
Limiting Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com