| Electronic Components Datasheet Search |
|
33977 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33977 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 37 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 13 33977 FUNCTIONAL DEVICE OPERATION OPERATIONAL MODES The motor is stepped by providing index commands at intervals. The time between steps defines the motor velocity and the changing time defines the motor acceleration. The state machine uses a table to define the allowed time and the maximum velocity. A useful side effect of the table is that it also allows the direct determination of the position at which the velocity should reduce to stop the motor at the desired position. Motor motion equations follow: [reworded for efficient use of space] (The units of position are steps and velocity and acceleration are in steps/second and steps/second2.) From an initial position of 0 with an initial velocity (u), the motor position (s) at a time (t) is: For unit steps, the time between steps is: This defines the time increment between steps when the motor is initially traveling at a velocity u. In the ROM, this time is quantized to multiples of the system clock by rounding upwards, ensuring acceleration never exceeds the allowed value. The actual velocity and acceleration is calculated from the time step actually used. Using: and and solving for v in terms of u, s, and t gives: The correct value of t to use in the equation is the quantized value obtained above. From these equations, a set of recursive equations can be generated to give the allowed time step between motor indexes when the motor is accelerating from a stop to its maximum velocity. Starting from a position p of 0 and a velocity v of 0, these equations define the time interval between steps at each position. To drive the motor at maximum performance, index commands are given to the motor at these intervals. A table is generated giving the time step *t at an index position n. Note: [chgd for format consistency AND deleted that as PV] For pn = n, on the nth step, the motor [has deleted as PV] indexed by n positions and has been accelerating steadily at the maximum allowed rate. This is critical because it also indicates the minimum distance the motor must travel while decelerating to a stop. For example, the stopping distance is also equal to the current value of n. The algorithm of pointer movement can be summarized in two steps: 1. The pointer is at the previously commanded position and is not moving. 2. A command to move to a pointer position (other than the current position) has been received. Timed index pulses are sent to the motor driver at an ever- increasing rate, according to the time steps in Table 6, until: aThe maximum velocity (default or selected) is reached after which the step time intervals will no longer decrease. bThe distance in steps that remain to travel are less than the current step time index value. The motor then decelerates by increasing the step times according to Table 6 until the commanded position is reached. The state machine controls the deceleration so that the pointer reaches the commanded position efficiently. An example of the velocity table for a particular motor is provided in Table 6. This motor’s maximum speed is 4800 11 165 0.259 -0.966 -0.707 12 180 0.0 -1.0 -0.866 13 195 -0.259 -0.966 -0.966 14 210 -0.5 -0.867 -1.0 15 225 -0.707 -0.707 -0.966 16 240 -0.866 -0.5 -0.866 17 255 -0.966 -0.259 -0.707 18 270 -1.0 0.0 -0.500 19 285 -0.966 0.259 -0.259 20 300 -0.866 0.5 0.0 21 315 -0.707 0.707 0.259 22 330 -0.5 0.866 0.500 23 345 -0.259 0.966 0.707 * Denotes normalized values Table 5. Coil Step Value s = ut + 1/2 at 2 ⇒ t = - u + √ u2 + 2a a v2 = u2 + 2as v = u + at v = 2/t - u p0 = 0 v0 = 0 ∆t n = ⎡-v n -1 + √v 2 n -1 + 2a a ⎤ where ⎡ ⎤ indicates rounding up vn = 2/∆tn - Vn -1 pn = n |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |