Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
47
3.14.2
MII FEC Transmit Signal Timing
FEC_TXD[3:0], FEC_TX_EN, FEC_TX_ER, FEC_TX_CLK
The transmitter functions correctly up to the FEC_TX_CLK maximum frequency of 25 MHz plus one
percent. There is no minimum frequency requirement. In addition, the processor clock frequency must
exceed twice the FEC_TX_CLK frequency.
The transmit outputs (FEC_TXD[3:0], FEC_TX_EN, FEC_TX_ER) can be programmed to transition
from either the rising- or falling-edge of TX_CLK, and the timing is the same in either case. These options
allow the use of non-compliant MII PHYs.
Refer to the Fast Ethernet Controller (FEC) chapter of the device reference manual for details of this option
and how to enable it.
Table 29 lists MII FEC transmit channel timings.
Figure 30 shows MII FEC transmit signal timings listed in Table 29.
Figure 30. MII FEC Transmit Signal Timing Diagram
Table 29. MII FEC Transmit Signal Timing
Spec
Characteristic
Min
Max
Unit
5
FEC_TX_CLK to FEC_TXD[3:0], FEC_TX_EN, FEC_TX_ER invalid
5
—
ns
6
FEC_TX_CLK to FEC_TXD[3:0], FEC_TX_EN, FEC_TX_ER valid
—
25
ns
7
FEC_TX_CLK pulse-width high
35%
65%
FEC_TX_CLK period
8
FEC_TX_CLK pulse-width low
35%
65%
FEC_TX_CLK period
M6
FEC_TX_CLK (input)
FEC_TXD[3:0] (outputs)
FEC_TX_EN
FEC_TX_ER
M5
M7
M8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com