Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
13
3.7.3
Power-Down Sequence (VRC33 Grounded)
The only requirement for the power-down sequence when VRC33 is grounded is that if VDD decreases to
less than its operating range, VDDSYN or the RESET power must decrease to less than 2.0 V before the
VDD power is allowed to increase to its operating range. This ensures that the digital 1.5 V logic, which is
reset by the ORed POR only and can cause the 1.5 V supply to decrease below its specification, is reset
properly.
3.8
DC Electrical Specifications
Table 9. DC Electrical Specifications
Spec
Characteristic
Symbol
Min
Max
Unit
1
Core supply voltage (average DC RMS voltage)
VDD
1.35
1.65
V
2
I/O supply voltage (fast I/O)
VDDE
1.62
3.6
V
3
I/O supply voltage (slow / medium I/O)
VDDEH
3.0
5.25
V
4
3.3 V I/O buffer voltage
VDD33
3.0
3.6
V
5
Voltage regulator control input voltage
VRC33
3.0
3.6
V
6
Analog supply voltage1
VDDA
4.5
5.25
V
8
Flash programming voltage2
VPP
4.5
5.25
V
9
Flash read voltage
VFLASH
3.0
3.6
V
10
SRAM standby voltage3
VSTBY
0.8
1.2
V
11
Clock synthesizer operating voltage
VDDSYN
3.0
3.6
V
12
Fast I/O input high voltage
VIH_F
0.65
× V
DDE
VDDE + 0.3
V
13
Fast I/O input low voltage
VIL_F
VSS – 0.3
0.35
× V
DDE
V
14
Medium / slow I/O input high voltage
VIH_S
0.65
× V
DDEH
VDDEH + 0.3
V
15
Medium / slow I/O input low voltage
VIL_S
VSS – 0.3
0.35
× V
DDEH
V
16
Fast I/O input hysteresis
VHYS_F
0.1
× V
DDE
V
17
Medium / slow I/O input hysteresis
VHYS_S
0.1
× V
DDEH
V
18
Analog input voltage
VINDC
VSSA – 0.3
VDDA + 0.3
V
19
Fast I/O output high voltage ( IOH_F = –2.0 mA )
VOH_F
0.8
× V
DDE
—V
20
Slow / medium I/O output high voltage ( IOH_S = –2.0 mA )
VOH_S
0.8
× V
DDEH
—V
21
Fast I/O output low voltage ( IOL_F = 2.0 mA )
VOL_F
—0.2
× V
DDE
V
22
Slow / medium I/O output low voltage ( IOL_S = 2.0 mA )
VOL_S
—0.2
× V
DDEH
V
23
Load capacitance (fast I/O)4
DSC (SIU_PCR[8:9] ) = 0b00
DSC (SIU_PCR[8:9] ) = 0b01
DSC (SIU_PCR[8:9] ) = 0b10
DSC (SIU_PCR[8:9] ) = 0b11
CL
—
—
—
—
10
20
30
50
pF
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com