Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4N60P Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # 4N60P
Description  600V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

4N60P Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  4N60P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED 4N60P Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10-2
10-1
101
100
10-1
10-2
10-3
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse
Typical Characteristics T
J = 25º
C, unless otherwise noted
0
10
20
30
40
V
GS = 0V
f = 1MHz
C
iss
C
oss
C
rss
Figure 7. Capacitance
Figure 8. Gate Charge
V
DS, Drain-to-Source Voltage (V)
Q
g, Total Gate Charge (nC)
103
102
101
100
0
2
4
6
8
10
0
3
6
9
12
15
V
DD = 120V
V
DD = 480V
V
DD = 400V
Figure 10. Transient Thermal Impedance
TO-220, TO-251,TO-252
Figure 9. Transient Thermal Impedance
TO-220F
10-6
10-5
10-4
10-3
10-2
10-1
100
101
101
100
10-1
10-2
10-3
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse
10-4
10-3
10-6
10-5
10-7
T
p, Pulse Width (s)
T
p, Pulse Width (s)
4N60F/P/Y/D
600V N-Channel Enhancement Mode MOSFET
Rev:2023A2
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com