Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT83SL38IB Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 5 Page - Exar Corporation

  XRT83SL38IB Datasheet HTML 1Page - Exar Corporation XRT83SL38IB Datasheet HTML 2Page - Exar Corporation XRT83SL38IB Datasheet HTML 3Page - Exar Corporation XRT83SL38IB Datasheet HTML 4Page - Exar Corporation XRT83SL38IB Datasheet HTML 5Page - Exar Corporation XRT83SL38IB Datasheet HTML 6Page - Exar Corporation XRT83SL38IB Datasheet HTML 7Page - Exar Corporation XRT83SL38IB Datasheet HTML 8Page - Exar Corporation XRT83SL38IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
XRT83SL38
I
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TABLE OF CONTENTS
GENERAL DESCRIPTION .................................................................................................. 1
APPLICATIONS .............................................................................................................................................. 1
Figure 1. Block Diagram of the XRT83SL38 T1/E1/J1 LIU (Host Mode) ........................................ 1
Figure 2. Block Diagram of the XRT83SL38 T1/E1/J1 LIU (Hardware Mode) ............................... 2
FEATURES ................................................................................................................................................... 2
ORDERING INFORMATION ............................................................................................................... 3
TABLE OF CONTENTS ....................................................................................................... I
PIN DESCRIPTION BY FUNCTION .................................................................................... 6
RECEIVE SECTIONS ...................................................................................................................................... 6
TRANSMITTER SECTIONS .............................................................................................................................. 8
MICROPROCESSOR INTERFACE ................................................................................................................... 12
JITTER
ATTENUATOR .................................................................................................................................. 15
CLOCK SYNTHESIZER ................................................................................................................................. 15
ALARM FUNCTIONS/REDUNDANCY SUPPORT ............................................................................................... 17
POWER AND GROUND ................................................................................................................................ 20
PINS ONLY AVAILABLE IN BGA PACKAGE .......................................................................................... 22
FUNCTIONAL DESCRIPTION .......................................................................................... 23
MASTER CLOCK GENERATOR ..................................................................................................................... 23
Figure 3. Two Input Clock Source .................................................................................................. 23
Figure 4. One Input Clock Source .................................................................................................. 23
TABLE 1: MASTER CLOCK GENERATOR ............................................................................................... 24
RECEIVER ......................................................................................................................... 24
RECEIVER INPUT ........................................................................................................................................ 24
RECEIVE MONITOR MODE ........................................................................................................................... 25
RECEIVER LOSS OF SIGNAL (RLOS) ........................................................................................................... 25
Figure 5. Simplified Diagram of -15dB T1/E1 Short Haul Mode and RLOS Condition .............. 25
Figure 6. Simplified Diagram of -29dB T1/E1 Gain Mode and RLOS Condition ......................... 26
RECEIVE HDB3/B8ZS DECODER ............................................................................................................... 26
RECOVERED CLOCK (RCLK) SAMPLING EDGE ............................................................................................ 26
Figure 7. Receive Clock and Output Data Timing ........................................................................ 26
JITTER ATTENUATOR .................................................................................................................................. 27
GAPPED CLOCK (JA MUST BE ENABLED IN THE TRANSMIT PATH) ................................................................ 27
TABLE 2: MAXIMUM GAP WIDTH FOR MULTIPLEXER/MAPPER APPLICATIONS ........................................ 27
ARBITRARY PULSE GENERATOR FOR T1 AND E1 .......................................................................................... 28
Figure 8. Arbitrary Pulse Segment Assignment ........................................................................... 28
TRANSMITTER ................................................................................................................. 28
DIGITAL DATA FORMAT ............................................................................................................................... 28
TRANSMIT CLOCK (TCLK) SAMPLING EDGE ................................................................................................ 28
Figure 9. Transmit Clock and Input Data Timing .......................................................................... 29
TRANSMIT HDB3/B8ZS ENCODER .............................................................................................................. 29
TABLE 3: EXAMPLES OF HDB3 ENCODING .......................................................................................... 29
TABLE 4: EXAMPLES OF B8ZS ENCODING ........................................................................................... 29
DRIVER FAILURE MONITOR (DMO) ............................................................................................................. 29
TRANSMIT PULSE SHAPER & LINE BUILD OUT (LBO) CIRCUIT ...................................................................... 30
TABLE 5: RECEIVE EQUALIZER CONTROL AND TRANSMIT LINE BUILD-OUT SETTINGS ........................... 30
TRANSMIT AND RECEIVE TERMINATIONS .................................................................. 31
RECEIVER (CHANNELS 0 - 7) ................................................................................................................... 31
Internal Receive Termination Mode ..................................................................................................................... 31
TABLE 6: RECEIVE TERMINATION CONTROL ......................................................................................... 31
Figure 10. Simplified Diagram for the Internal Receive and Transmit Termination Mode ........ 31
TABLE 7: RECEIVE TERMINATIONS ....................................................................................................... 33
Figure 11. Simplified Diagram for T1 in the External Termination Mode (RXTSEL= 0) ............. 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com