| Electronic Components Datasheet Search |
|
XRT83SL38IB Datasheet(PDF) 8 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL38IB Datasheet(HTML) 8 Page - Exar Corporation |
|
8 / 88 page ![]() XRT83SL38 6 OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR REV. 1.0.2 PIN DESCRIPTION BY FUNCTION RECEIVE SECTIONS SIGNAL NAME LEAD # TYPE DESCRIPTION RLOS_0 RLOS_1 RLOS_2 RLOS_3 RLOS_4 RLOS_5 RLOS_6 RLOS_7 C3 H4 H15 A16 V3 L2 J15 T15 O Receiver Loss of Signal for Channel_ 0: This output signal goes “High” for at least one RCLK_0 cycle to indicate loss of signal at the receive 0 input. RLOS will remain “High” for the entire duration of the Loss of Sig- nal detected by the receiver logic. SEE”RECEIVER LOSS OF SIGNAL (RLOS)” ON PAGE 25. Receiver Loss of Signal for Channel _1 Receiver Loss of Signal for Channel _2 Receiver Loss of Signal for Channel _3 Receiver Loss of Signal for Channel _4 Receiver Loss of Signal for Channel_ 5 Receiver Loss of Signal for Channel _6 Receiver Loss of Signal for Channel _7 RCLK_0 RCLK_1 RCLK_2 RCLK_3 RCLK_4 RCLK_5 RCLK_6 RCLK_7 B3 H3 H16 A17 U3 L3 M15 U16 O Receiver Clock Output for Channel _0 Receiver Clock Output for Channel _1 Receiver Clock Output for Channel _2 Receiver Clock Output for Channel _3 Receiver Clock Output for Channel _4 Receiver Clock Output for Channel _5 Receiver Clock Output for Channel _6 Receiver Clock Output for Channel _7 RNEG_0 LCV_0 RNEG_1 LCV_1 RNEG_2 LCV_2 RNEG_3 LCV_3 RNEG_4 LCV_4 RNEG_5 LCV_5 RNEG_6 LCV_6 RNEG_7 LCV_7 A2 A2 H2 H18 B16 T4 M4 M16 V17 O Receiver Negative Data Output for Channel_0 - Dual-Rail mode This signal is the receive negative-rail output data. Line Code Violation Output for Channel_0 - Single-Rail mode This signal goes “High” for one RCLK_0 cycle to indicate a code violation is detected in the received data of Channel _0. If AMI coding is selected, every bipolar violation received will cause this pin to go “High”. Receiver Negative Data Output for Channel _1 Line Code Violation Output for Channel _1 Receiver Negative Data Output for Channel _2 Line Code Violation Output for Channel _2 Receiver Negative Data Output for Channel _3 Line Code Violation Output for Channel _3 Receiver Negative Data Output for Channel _4 Line Code Violation Output for Channel _4 Receiver Negative Data Output for Channel _5 Line Code Violation Output for Channel _5 Receiver Negative Data Output for Channel _6 Line Code Violation Output for Channel _6 Receiver Negative Data Output for Channel _7 Line Code Violation Output for Channel _7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |