Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT86L30IB Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT86L30IB
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30IB Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT86L30IB Datasheet HTML 23Page - Exar Corporation XRT86L30IB Datasheet HTML 24Page - Exar Corporation XRT86L30IB Datasheet HTML 25Page - Exar Corporation XRT86L30IB Datasheet HTML 26Page - Exar Corporation XRT86L30IB Datasheet HTML 27Page - Exar Corporation XRT86L30IB Datasheet HTML 28Page - Exar Corporation XRT86L30IB Datasheet HTML 29Page - Exar Corporation XRT86L30IB Datasheet HTML 30Page - Exar Corporation XRT86L30IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 279 page
background image
XRT86L30
16
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO
CS
108
I
Microprocessor Interface—Chip Select Input:
The Microprocessor/Microcontroller must assert this input pin (toggle it "Low") in
order to exchange data with the Framer.
Note: For the 68K MPU, this signal is generated by address decode and
address strobe.
RD
71
I
Microprocessor Interface—Read Strobe Input:
The exact behavior of this pin depends upon the type of Microprocessor/Micro-
controller the Framer has been configured to interface to, as defined by the
µPTYPE[2:0] pins.
WR
107
I
Microprocessor Interface—Write Strobe Input
The exact behavior of this pin depends upon the type of Microprocessor/Micro-
controller the Framer has been configured to interface to, as defined by the
µPTYPE[2:0] pins.
ACK0
ACK1
62
65
I
DMA Cycle Acknowledge Input—DMA Controller 0 (Write):
The external DMA Controller will assert this input pin “Low” when the following
two conditions are met:
a. After the DMA Controller, within the Framer has asserted (toggled “Low”), the
Req_0 output signal.
b. When the external DMA Controller is ready to transfer data from external
memory to the selected Transmit HDLC buffer.
At this point, the DMA transfer between the external memory and the selected
Transmit HDLC buffer may begin.
After completion of the DMA cycle, the external DMA Controller will negate this
input pin after the DMA Controller within the Framer has negated the Req_0 out-
put pin. The external DMA Controller must do this in order to acknowledge the
end of the DMA cycle.
DMA Cycle Acknowledge Input—DMA Controller 1 (Read):
The external DMA Controller asserts this input pin “Low” when the following two
conditions are met:
a. After the DMA Controller, within the Framer has asserted (toggled "Low"), the
Req_1 output signal.
b. When the external DMA Controller is ready to transfer data from the selected
Receive HDLC buffer to external memory.
At this point, the DMA transfer between the selected Receive HDLC buffer and
the external memory may begin.
After completion of the DMA cycle, the external DMA Controller will negate this
input pin after the DMA Controller within the Framer has negated the Req_1 out-
put pin. The external DMA Controller will do this in order to acknowledge the
end of the DMA cycle.
BLAST
100
I
Last Cycle of Burst Indicator Input:
The Microprocessor asserts this pin “Low”when it is performing its last read or
write cycle, within a burst operation.
RESET
85
I
Hardware Reset Input
Reset is an active low input. If this pin is pulled “Low” for more than 10
µS, the
device will be reset, and the internal registers will be reset to their default val-
ues.
MICROPROCESSOR INTERFACE
(Framer Channel Number indicated by )
SIGNAL NAME
PIN #TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com