Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT86L30IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT86L30IB
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT86L30IB Datasheet HTML 35Page - Exar Corporation XRT86L30IB Datasheet HTML 36Page - Exar Corporation XRT86L30IB Datasheet HTML 37Page - Exar Corporation XRT86L30IB Datasheet HTML 38Page - Exar Corporation XRT86L30IB Datasheet HTML 39Page - Exar Corporation XRT86L30IB Datasheet HTML 40Page - Exar Corporation XRT86L30IB Datasheet HTML 41Page - Exar Corporation XRT86L30IB Datasheet HTML 42Page - Exar Corporation XRT86L30IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 279 page
background image
XRT86L30
28
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO
3.4
Description of the Control Registers
TABLE 10: REGISTER SUMMARY
REG #
FUNCTION
SYMBOL
HEX
MODE
Control Registers (0x0100 - 0x01FF)
0
Clock and Select Register
CSR
0x0100
T1/E1
1
Line Interface Control Register
LICR
0x0101
T1/E1
2
General Purpose Input/Output Control
GPIOCR
0x0102
T1/E1
3
Reserved
-
0x0103
-
4
Reserved
-
0x0104
-
5
Reserved
-
0x0105
-
6
Reserved
-
0x0106
-
7
Framing Select Register
FSR
0x0107
E1
Framing Select Register
0x0107
T1
8
Alarm Generation Register
AGR
0x0108
E1
Alarm Generation Register
0x0108
T1
9
Synchronization MUX Register
SMR
0x0109
E1
Synchronization MUX Register
0x0109
T1
10
Transmit Signaling and Data Link Select Register
TSDLSR
0x010A
E1
Transmit Signaling and Data Link Select Register
0x010A
T1
11
Framing Control Register
FCR
0x010B
E1
Framing Control Register
0x010B
T1
12
Receive Signaling & Data Link Select Register
RS&DLSR
0x010C
E1
Receive Signaling & Data Link Select Register
0x010C
T1
13
Signaling Change Register 0
SCR0
0x010D
T1/E1
14
Signaling Change Register 1
SCR1
0x010E
T1/E1
15
Signaling Change Register 2
SCR2
0x010F
T1/E1
16
Signaling Change Register 3
SCR3
0x0110
E1
17
Receive National Bits Register
RNBR
0x0111
E1
18
Receive Extra Bits Register
REBR
0x0112
E1
Receive Interface Control
RICR
0x0112
T1
19
Data Link Control Register 1
DLCR1
0x0113
T1/E1
20
Transmit Data Link Byte Count Register 1
TDLBCR1
0x0114
T1/E1
21
Receive Data Link Byte Count Register 1
RDLBCR1
0x0115
T1/E1
22
Slip Buffer Control Register
SBCR
0x0116
T1/E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com