Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESDNC2FD5VB Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESDNC2FD5VB
Description  ESD Protection Devices ROHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

PESDNC2FD5VB Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  PESDNC2FD5VB Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig 3.Typical Breakdown Voltage vs. Temperature
Fig 4.Typical Leakage Current vs. Temperature
Fig 5. Clamping voltage vs. Peak pulse current
Fig 6. Non-Repetitive Peak Pulse Power vs. Pulse time
Fig 7 TLP Measuremen
0
25
50
75
100
125
150
Temperature (ºC)
6.3
6.5
6.7
6.9
7.1
7.3
-55
+25
+150
0
4
8
12
16
20
Temperature (ºC)
20
16
12
8
4
0
Pulse waveform: tp=8/20us
0
2
4
6
8
IPP-Peak pulse current (A)
1000
100
10
1
1
10
100
1000
Pulse Duration(us)
-12
-8
-4
0
4
8
12
20
Z0=50Ω
tr=2ns
tp=100ns
-4
12
4
-12
-20
Rev:2023A2
3
PESDNC2FD5VB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com