Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESDNC2FD5VB Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESDNC2FD5VB
Description  ESD Protection Devices ROHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

PESDNC2FD5VB Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  PESDNC2FD5VB Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED PESDNC2FD5VB Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The
PESDNC2FD5VB
protects
sensitive
semiconductor
components
from damage or
upset due to electrostatic discharge (ESD) and
other voltage induced transient events. They
feature large cross-sectional area junctions for
conducting
high
transient
currents,
offer
desirable electrical characteristics for board
level protection, such as fast response time,
low operating voltage. It gives designer the
flexibility to protect one bi-directional line in
applications where arrays are not practical.
80W peak pulse power per line (tP = 8/20μs)
DFN1006 package
Replacement for MLV(0402)
Bidirectional configurations
Response time is typically < 1ns
Low clamping voltage
RoHS compliant
Transient protection for data lines to
IEC61000-4-2(ESD) ±30KV(air), ±30KV(contact);
IEC61000-4-4 (EFT) 40A (5/50ns)
Lead finish:100% matte Sn(Tin)
Mounting position: Any
Qualified max reflow temperature:260℃
Device meets MSL 1 requirements
Pure tin plating: 7 ~ 17 um
Pin flatness:≤3mil
Description
Feature
Applications
Cellular phones
Portable devices
Digital cameras
Power supplies
Mechanical Characteristics
PESDNC2FD5VB
·
·
■
■
■
·
·
■
■
■
·
·
■
■
·
·
■
■
■
·
■
·
·
■
■
■
·
■
■
·
■
Rating
Symbol
Value
Units
Peak Pulse Power (tp=8/20μs)
Ppp
80
W
Operating Temperature
TJ
-55 to +150
℃
Storage Temperature
TSTG
-55 to +150
℃
Absolute maximum rating@25℃
Rev:2023A2
1


Similar Part No. - PESDNC2FD5VB

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESDNC2FD5VB LEIDITECH-PESDNC2FD5VB Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
PESDNC2FD5VB UMW-PESDNC2FD5VB Datasheet
452Kb / 4P
80W peak pulse power per line (tP = 8/20μs)
logo
Shanghai Prisemi Electr...
PESDNC2FD5VBN PRISEMI-PESDNC2FD5VBN Datasheet
373Kb / 7P
Bi-directional 5V Normal Capacitance ESD Protector
Rev.06.2
More results

Similar Description - PESDNC2FD5VB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
ESD Protection Devices
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV24 LEIDITECH-PESD0603AV24 Datasheet
553Kb / 6P
ESD Protection Devices
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
ESD Protection Devices
ESDPSA0402V18 DGNJDZ-ESDPSA0402V18 Datasheet
343Kb / 5P
ESD Protection Devices
3.0
ESDU02A12VR25V DGNJDZ-ESDU02A12VR25V Datasheet
359Kb / 5P
ESD Protection Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com