Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
PDF  862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 9Page - Exar Corporation XRT94L33IB Datasheet HTML 10Page - Exar Corporation XRT94L33IB Datasheet HTML 11Page - Exar Corporation XRT94L33IB Datasheet HTML 12Page - Exar Corporation XRT94L33IB Datasheet HTML 13Page - Exar Corporation XRT94L33IB Datasheet HTML 14Page - Exar Corporation XRT94L33IB Datasheet HTML 15Page - Exar Corporation XRT94L33IB Datasheet HTML 16Page - Exar Corporation XRT94L33IB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 862 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– A
A
A T
T
T M
M
M R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
13
0x1764 – 0x1766
Reserved
0x00
0x1767
Redundant Receive STS-3 Transport – Serial Port Control Register
0x00
0x1768 – 0x176A
Reserved
0x00
0x176B
Redundant Receive STS-3 Transport – Auto AIS (in Downstream STS-1s)
Control Register
0x000
0x176C – 0x1779
Reserved
0x00
0x177A
Redundant Receive STS-3 Transport – TOH Capture Indirect Address
0x00
0x177B
Redundant Receive STS-3 Transport – TOH Capture Indirect Address
0x00
0x177C
Redundant Receive STS-3 Transport – TOH Capture Indirect Data
0x00
0x177D
Redundant Receive STS-3 Transport – TOH Capture Indirect Data
0x00
0x177E
Redundant Receive STS-3 Transport – TOH Capture Indirect Data
0x00
0x177F
Redundant Receive STS-3 Transport – TOH Capture Indirect Data
0x00
0x1780 – 0x17FF
Reserved
0x00
RECEIVE SONET POH PROCESSOR BLOCK CONTROL REGISTERS
Note:
N represents the “Channel Number” and ranges in value from 0x02 to 0x04
0xN000 – 0xN181
Reserved
0x00
0xN182
Receive SONET Path – Control Register – Byte 1
0x00
0xN183
Receive SONET Path – Control Register – Byte 0
0x00
0xN184, 0xN185
Reserved
0x00
0xN186
Receive SONET Path – Status Register – Byte 1
0x00
0xN187
Receive SONET Path – Status Register – Byte 0
0x00
0xN188
Reserved
0x00
0xN189
Receive SONET Path – Interrupt Status Register – Byte 2
0x00
0xN18A
Receive SONET Path – Interrupt Status Register – Byte 1
0x00
0xN18B
Receive SONET Path – Interrupt Status Register – Byte 0
0x00
0xN18C
Reserved
0x00
0xN18D
Receive SONET Path – Interrupt Enable Register – Byte 2
0x00
0xN18E
Receive SONET Path – Interrupt Enable Register – Byte 1
0x00
0xN18F
Receive SONET Path – Interrupt Enable Register – Byte 0
0x00
0xN190 – 0xN192
Reserved
0x00
0xN193
Receive SONET Path – SONET Receive RDI-P Register
0x00
0xN194, 0xN195
Reserved
0x00
0xN196
Receive SONET Path – Received Path Label Register
0x00
0xN197
Receive SONET Path – Expected Path Label Register
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com