Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
PDF  862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 35Page - Exar Corporation XRT94L33IB Datasheet HTML 36Page - Exar Corporation XRT94L33IB Datasheet HTML 37Page - Exar Corporation XRT94L33IB Datasheet HTML 38Page - Exar Corporation XRT94L33IB Datasheet HTML 39Page - Exar Corporation XRT94L33IB Datasheet HTML 40Page - Exar Corporation XRT94L33IB Datasheet HTML 41Page - Exar Corporation XRT94L33IB Datasheet HTML 42Page - Exar Corporation XRT94L33IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 862 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R –
–– A
A
A T
T
T M
M
M R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
39
1.2
THE OPERATION CONTROL BLOCK
The Operation Control Block is responsible for the following functions.
• Control of the Interrupt Structure (at the Highest Level within the XRT94L33)
• Control of the Clock Synthesizer block
• Control of the STS-3/STM-1 Telecom Bus Interface
• Control of the STS-1 Telecom Bus Interfaces
The register map for the Operation Control block is presented in the Table below. Additionally, a detailed
description of each of the “Operation Control” Block registers is presented below.
1.2.1
OPERATION CONTROL BLOCK REGISTER
Table 2: Operation Control Register Address Map
INDIVIDUAL
REGISTER
ADDRESS
ADDRESS
LOCATION
REGISTER NAME
DEFAULT VALUE
0x00
0x0100
Operation Control Register – Byte 3
0x00
0x01
0x0101
Operation Control Register – Byte 2
0x00
0x02
0x0102
Reserved
0x00
0x03
0x0103
Operation Control Register – Byte 0
0x00
0x04
0x0104
Operation Status Register – Byte 3 (Device ID)
0xE3
0x05
0x0105
Operation Status Register – Byte 2 (Revision ID)
0x01
0x06 – 0x0A
0x0106 – 0x010A
Reserved
0x00
0x0B
0x010B
Operation Interrupt Status Register – Byte 0
0x00
0x0C – 0x0E
0x010C –
0x010E
Reserved
0x00
0x0F
0x010F
Operation Interrupt Enable Register – Byte 0
0x00
0x10 – 0x11
0x0110 – 0x0111
Reserved
0x00
0x12
0x0112
Operation Block Interrupt Status Register – Byte 1
0x00
0x13
0x0113
Operation Block Interrupt Status Register – Byte 0
0x00
0x14 – 0x15
0x0114 – 0x0115
Reserved
0x00
0x16
0x0116
Operation Block Interrupt Enable Register – Byte 1
0x00
0x17
0x0117
Operation Block Interrupt Enable Register – Byte 0
0x00
0x18 – 0x19
0x0118 – 0x0119
Reserved
0x00
0x1A
0x0111A
Reserved
0x00
0x1B
0x011B
Mode Control Register – Byte 0
0x00
0x1C – 0x1E
0x011C –
0x011E
Reserved
0x00
0x1F
0x011F
Loop-back Control Register – Byte 0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com