Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B4935 Datasheet(PDF) 2 Page - EPCOS

Part # B4935
Description  SAW Components Low Loss Filter for Mobile Communication 220,38 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4935 Datasheet(HTML) 2 Page - EPCOS

  B4935 Datasheet HTML 1Page - EPCOS B4935 Datasheet HTML 2Page - EPCOS B4935 Datasheet HTML 3Page - EPCOS B4935 Datasheet HTML 4Page - EPCOS B4935 Datasheet HTML 5Page - EPCOS B4935 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Sep 23, 2002
SAW Components
B4935
220,38 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Ceramic package QCC8C
Dimensions in mm,approx. weight 0,07 g
Features
s
IF filter for mobile telephone
s
Channel selection in CDMA systems, Korean PCS
s
Low insertion attenuation
s
Extremely high rejection
s
Single-ended/single-ended,
balanced/single-ended
and balanced/balanced operation possible
s
Optimized for single-ended/balanced operation
s
Very small size
s
Package for Surface Mounted Technology (SMT)
Terminals
s
Ni, gold plated
Pin configuration
2
Input
1+3
Input ground or balanced input
6
Output
5
Output ground or balanced output
7
to be grounded
4, 8
Case ground
Device is reciprocal, i.e. inputs can be used as outputs and vice versa
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4935
B39221-B4935-U310
C61157-A7-A53
F61074-V8070-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
13
V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com