Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B4935 Datasheet(PDF) 3 Page - EPCOS

Part # B4935
Description  SAW Components Low Loss Filter for Mobile Communication 220,38 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4935 Datasheet(HTML) 3 Page - EPCOS

  B4935 Datasheet HTML 1Page - EPCOS B4935 Datasheet HTML 2Page - EPCOS B4935 Datasheet HTML 3Page - EPCOS B4935 Datasheet HTML 4Page - EPCOS B4935 Datasheet HTML 5Page - EPCOS B4935 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sep 23, 2002
SAW Components
B4935
220,38 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Characteristics single-ended/balanced
Operating temperature:
T
=
-30 ˚C to +80 ˚C
Terminating source impedance:
ZS = 1050 Ω || 63 nH
Terminating load impedance:
ZL = 610 Ω || 60 nH
1) Temperature dependence of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
220,38
—
MHz
Insertion attenuation at fN
α
fN
—
8,2
9,5
dB
(including loss in matching network without loss
in baluns)
Amplitude ripple (p-p)
∆α
fN – 0,30 ... fN + 0,30
MHz
—
05
1,2
dB
Phase linearity
∆φ
(rms deviation)
fN – 0,63 ... fN + 0,63
MHz
—
2,3
3,2
˚
Relative attenuation (relative to
α
fN)
α
rel
fN – 0,63 ... fN + 0,63
MHz
—
2,2
4,0
dB
fN – 100,0 ... fN – 50,0
MHz
60,0
73,0
—
dB
fN – 50,0 ... fN – 30,0
MHz
50,0
70,0
—
dB
fN – 30,0 ... fN – 10,0
MHz
40,0
62,0
—
dB
fN – 10,0 ... fN – 1,25
MHz
35,0
39,0
—
dB
fN – 1,25 MHz
45,0
—
dB
fN + 1,25 MHz
45,0
—
dB
fN + 1,25 ... fN + 10,0 MHz
35,0
41,0
—
dB
fN + 10,0 ... fN + 30,0
MHz
40,0
62,0
—
dB
fN + 30,0 ... fN + 50,0
MHz
50,0
70,0
—
dB
fN + 50,0 ... fN+100,0
MHz
60,0
73,0
—
dB
Temperature coefficient of frequency 1)
TCf
—
–0,036
—
ppm/K2
Frequency inversion point
T0
—30
—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com