Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP317LN1-L/TR Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP317LN1-L/TR
Description  3-Terminal Adjustable Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317LN1-L/TR Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP317LN1-L/TR Datasheet HTML 5Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 6Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 7Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 8Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 9Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 10Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 11Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 12Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3
Date: 8//06 Rev H
SP37L 3-Terminal 00mA Adjustable Voltage Regulator
© 2006 Sipex Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 03
TEL: (08) 3-700
FAX: (08) 3-7600
ORDERINg INFORmATION
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
P
art Number
Package
-
L: Lead Free and
RoHS Compliant
S
P317L
/TR: Tape and Reel or Ammo
Blank: Tube or Bulk
Sipex Corporation's Pb-free products, as designated with "-L" suffix in the part number, are RoHS compliant.
N
1: TO-92
N:
NSOIC-8
Ordering Information
Solved by
TM
Part Number
Temperature
Range
Voltage
Tolerance
Output
Voltage Package
Pin
Count
Packing
Type
SP37LN-L/TR 0ºC to +2ºC
.0%
Adj
TO-2
3
2,000/AMMO
SP37LN-L
0ºC to +2ºC
.0%
Adj
NSOIC 8
8
00/TUBE
SP37LN-L/TR
0ºC to +2ºC
.0%
Adj
NSOIC 8
8
2,00/TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com