Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP317LN1-L/TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP317LN1-L/TR
Description  3-Terminal Adjustable Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317LN1-L/TR Datasheet(HTML) 4 Page - Sipex Corporation

  SP317LN1-L/TR Datasheet HTML 1Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 2Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 3Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 4Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 5Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 6Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 7Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 8Page - Sipex Corporation SP317LN1-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image

Date: 8//06 Rev H
SP37L 3-Terminal 00mA Adjustable Voltage Regulator
© 2006 Sipex Corporation
Electrical Characteristics
oC TJ 125oC, VIN -VOUT = 5V, IOUT = 40mA, PD
mW, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Line Regulation
RegLINE
TJ = 25oC, 3V (VIN -VOUT) 15V
IL 20mA (Note 2)
0.01
0.04
%/V
3V (VIN-VOUT) 15V, IL 20mA
(Note 2)
0.02
0.07
%/V
Load Regulation
RegLOAD
TJ = 25oC, 5mA IOUT 100mA
(Note 2)
0.1
0.5
%
5mA IOUT 100mA (Note 2)
0.3
1.5
%
Thermal Regulation
TJ = 25oC, 10ms Pulse
0.04
0.2
%/W
Adjust Pin Current
50
100
A
Adjust Pin Current
Change
5mA IL 100mA
3V (VIN-VOUT) 15V
0.2
5
A
Reference Voltage
VREF
3V (VIN -VOUT) 15V
5mA IOUT 100mA
1.20
1.25
1.30
V
Current Limit
ILIMIT
3V (VIN -VOUT) 13V
100
200
300
mA
Minimum Load Cur-
rent
3V (VIN -VOUT) 13V
3.5
5
mA
Ripple Rejection
VOUT = 10V, f = 120Hz, CADJ = 0 F
62
dB
VOUT = 10V, f = 120Hz, CADJ = 10 F 60
70
Temperature Stability
0oC
J
oC
0.65
%
Long Term Stability
TJ=125oC, 1000 Hours
0.3
1
%
RMS Output Noise,
% of VOUT
TJ = 25oC, 10Hz f
z
0.003
%
Thermal Resistance
Junction to Case
TO-92
NSOIC-8
185
175
oC/W
Note 2: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification of thermal regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com