Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6265MER-L/TR Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6265MER-L/TR
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265MER-L/TR Datasheet(HTML) 1 Page - Sipex Corporation

  SP6265MER-L/TR Datasheet HTML 1Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 2Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 3Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 4Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 5Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 6Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 7Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 8Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image

Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
SP6265
Solved by
TM
Dual Low-Dropout CMOS Voltage Regulator
The SP6265 dual, low dropout, linear regulators operate up to 5.5V input and deliver up to 50mA / 50mA output
current
per regulator. It has a bypass pin option which allows users to decouple the bandgap reference for reducing
the output noise. Low dropout voltage and low quiescent current(70µA typ.) make them ideal for battery
powered
applications. The S
P6265 is available with a wide variety of standard voltage options and can be trimmed to .5%
accuracy. For protection purpose
s, SP6265 has a thermal shutdown feature to prevent device failure under the “worst”
operating conditions.
general Description
Typical Applications
S
P6265 with Bypass
S
P6265 without Bypass
SP6265
VOUT1
Vin
1µF
gnD
V
OUT1
V
OUT2
V
in
1µF
en2
en1
1µF
V
OUT2
SP6265
V
OUT1
Vin
1µF
gnD
VOUT1
V
OUT2
BYP
10nF
V
in
1µF
en
1µF
V
OUT2
Pin Configurations
S
P6265Aek1
S
P6265Bek1
. V
OUT2
2. GND
. BYP
. EN
5. V
IN
6. V
OUT
* Die Attach:
Conductive epoxy
T
SOT-26
Top View
T
SOT-26
Top View
SP6265Fek1
S
P6265gek1
S
P6265Hek1
S
P6265Jek1
S
P6265kek1
. V
OUT2
2. GND
. EN
. EN2
5. V
IN
6. V
OUT
* Die Attach:
Conductive epoxy


2
6

5
SP6265


2
6

5
SP6265
DFn-8
(3mmx3mmx0.6mm)
Top View
S
P6265LeR1
S
P6265MeR1
. V
IN
2. EN
. EN2
. NC
5. GND
6. NC
7. V
OUT2
8. V
OUT
* Die Attach:
Conductive epoxy
8
7
6

2


S
P6265
5
note:
The area enclosed by dashed line represents
the exposed Pad -- connect to gnD.
TSOT-26
Top View
Very Low Dropout Voltage
Guaranteed 50mA for Each Output
Accurate to Within .5% for Both Outputs
Typical 70 µA Quiescent Current
Over-Temperature Shutdown
Current Limiting
Noise Reduction Bypass Cap
Power-Saving Shutdown Mode
Available in Lead Free, RoHS Compliant
Packaging: 6Pin TSOT-26 & 8Pin DFN
•
•
•
•
•
•
•
•
•
Features
Cellular Phones
Palm / Notebook
Battery Powered Equipment
Handheld Devices
•
•
•
•
Applications


Similar Part No. - SP6265MER-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260 Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
SP6260AEK-L EXAR-SP6260AEK-L Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
logo
Sipex Corporation
SP6260AEK-L/TR SIPEX-SP6260AEK-L/TR Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
Exar Corporation
SP6260AEK-TR EXAR-SP6260AEK-TR Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
More results

Similar Description - SP6265MER-L/TR

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2128 GTM-GSC2128 Datasheet
577Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com