Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6265MER-L/TR Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6265MER-L/TR
Description  Dual Low-Dropout CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6265MER-L/TR Datasheet(HTML) 5 Page - Sipex Corporation

  SP6265MER-L/TR Datasheet HTML 1Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 2Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 3Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 4Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 5Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 6Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 7Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 8Page - Sipex Corporation SP6265MER-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Mar2-07 Rev O
SP6265 Dual Low-Dropout CMOS Voltage Regulator
© 2007 Sipex Corporation
Pin Description
S
P6265L, M -- DFn package without Bypass
Pin number
Pin name
Description

VIN
Regulator Input.
Supply voltage can range from [VOUT2+VDROPOUT] to 5.5V. This
input also supplies the on-chip reference. Bypass with µF to GND.
2
EN
Shutdown  control input, active low.
Tie this pin to or above 2.V to enable the device.
Tie this pin to or below 0.V to turn off the device.

EN2
Shutdown 2 control input, active low.
Tie this pin to or above 2.V to enable the device.
Tie this pin to or below 0.V to turn off the device.

NC
Not Connected
5
GND
Ground. This pin also functions as heatsink.
Solder to a large pad or the circuit-board ground plane to maximize
thermal dissipation.
6
NC
Not Connected
7
VOUT2
Regulator 2 Output. Sources up to 50mA continuous current. Bypass
with a µF (< 0.5Ohm typical ESR) capacitor to GND.
8
VOUT
Regulator  Output. Sources up to 50mA continuous current. Bypass
with a µF (< 0.5Ohm typical ESR) capacitor to GND.
Functional Block Diagram
VOUT1
VOUT2
en1
error
Amp1
Vin
gnD
en2
On/OFF
Control
VR1
each
Circuit
On/OFF
Control
VR2
each
Circuit
Voltage
Reference
error
Amp2
Current
Limit
Current
Limit
R11
R12
R21
R22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com