Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX1431M5/TR Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1431M5/TR
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1431M5/TR Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX1431M5/TR Datasheet HTML 3Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 4Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 5Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 6Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 7Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 8Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 9Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 10Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Mar3-07
SPX43 Precision Adjustable Shunt Regulator
© 2007 Sipex Corporation
Figure 23. Precision High Current Series Regulator
V
OUT= (1+R1/R2)V REF
Figure 24. High Current Shunt Regulator
V
OUT= (1+R1/R2)V REF
Figure 25. Single Supply Comparator with Temperature
Compensated Threshold. V
INthreshold = 2.5V
VIN
R1
0.1%
SPX1431
R3
R2
0.1%
C1
R5
R4
VOUT
VIN
R1
0.1%
SPX1431
R3
R2
0.1%
Q1
VOUT
VCC
R2
SPX1431
VIN
VOUT
R1
* Resistor values are chosen such that the effect to
I
REFis negligible .
TYPICAL PERFORMANCE CHARACTERISTICS
SOT-23-5 (M5)
3
2
1
Top View
5
4
Top View
SOT-89 (M1)
1
2
3
Bottom View
TO-92 (N)
1
3
2
N/C
REF
ANODE
CATHODE
CATHODE
ANODE
REF
Top View
2
1
3
4
8
7
6
5
8-Pin Surface Mount (S)
CATHODE
REF
ANODE
ANODE
ANODE
ANODE
N/C
N/C N/C CATHODE
ANODE
REF
PACKAGE PINOUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com