Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPX1431M5/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1431M5/TR
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1431M5/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1431M5/TR Datasheet HTML 1Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 2Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 3Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 4Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 5Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 6Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 7Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 8Page - Sipex Corporation SPX1431M5/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Mar3-07
SPX43 Precision Adjustable Shunt Regulator
© 2007 Sipex Corporation
T
V
REF
0
15
30
45
60
75
90
105
-10
0.5
5000
0
0
0
0.07 mV/°C
0.003 %/°C
27 ppm/°C
ppm
%
mV
Junction Temperature (°C)
• TC in ppm/°C =
• TC in %/°C =
• TC in mV/°C = VREF(mV)
TA
(
VREF at 25°C
)
TA
VREF
x 100
(
VREF at 25°C
)
TA
VREF
x 106
CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
Figure 1. V
REFVS Temperature.
TEST CIRCUITS
IREF
VKA= VREF
VIN
IK
IREF
VKA
VIN
IK
(VREF)
R1
R2
VKA
VIN
IK (OFF)
Figure 2. Test Circuit for V
KA= V REF
Figure 3. Test Circuit for V
KA> V REF
Figure 4. Test Circuit for I
KOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com