Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM65N40DF Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM65N40DF
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM65N40DF Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM65N40DF Datasheet HTML 1Page - Rectron Semiconductor RM65N40DF Datasheet HTML 2Page - Rectron Semiconductor RM65N40DF Datasheet HTML 3Page - Rectron Semiconductor RM65N40DF Datasheet HTML 4Page - Rectron Semiconductor RM65N40DF Datasheet HTML 5Page - Rectron Semiconductor RM65N40DF Datasheet HTML 6Page - Rectron Semiconductor RM65N40DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature
z 40V,65A
RDS ON
5.9m
VGS=10V
RDS ON
10m
VGS=4.5V
z Advanced Trench Technology
z Lead free product is acquired
z Excellent R DS ON and Low Gate Charge
Application
z PWM applications
z Load Switch
z Power management
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity (PCS)
65N40
RM65N40DF
DFN5X6-8L
-
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (Ta =25
)
ID
65
A
Continuous Drain Current (Ta =100
)
ID
41
A
Pulsed Drain Currenr
(1)
IDM
260
A
Singel Pulsed Avalanche Energy
(2)
EAS
81
mJ
Power Dissipation
PD
45
W
Thermal Resistance from Junction to Ambient
RθJA
46
/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~ +150
N-Channel Enhancement Mode Power MOSFET
RM65N40DF
z Halogen-free
Absolute Maximum Ratings (TC=25
unless otherwise noted)
REV:A
Package Marking and Ordering Information
Schematic Diagram
Top View
Bottom View
D D D D
G S S S
-
-
2022-
Thermal Resistance from Junction to Case
RθJC
1.42
/W
06/59
(4)
(4)


Similar Part No. - RM65N40DF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM65N40D3 RECTRON-RM65N40D3 Datasheet
800Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2022- 06/59 REV:B
RM65N40D3V RECTRON-RM65N40D3V Datasheet
991Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2023- 04/59 REV:O
More results

Similar Description - RM65N40DF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com