Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD5712 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5712
Description  33 - 75 mA 16 - 50 VOLTS SCHOTTKY SMALL SIGNAL DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5712 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5712 Datasheet HTML 1Page - Solid States Devices, Inc SPD5712 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5711, SPD5711A
And
SPD5712, SPD5712A
SPD5711
SPD5712
Electrical Characteristics
3/
Symbol
Min
Max
Min
Max
Units
Blocking Reverse Voltage
(IR = 10 µA, TA = 25°C, 300 – 500 µs Pulse)
VBR
70
––
20
––
VDC
Instantaneous Forward Voltage Drop
(TA = 25°C, 300 – 500 µs Pulse)
IF = 1 mADC
IF = 15 mADC
IF = 35 mADC
VF1
VF2
VF3
––
––
––
0.41
1.0
––
––
––
––
0.41
––
1.0
VDC
Instantaneous Forward Voltage Drop
(TA = -55 ºC, 300 – 500 µs Pulse)
IF = 1 mADC
IF = 15 mADC
IF = 35 mADC
VF4
VF5
VF6
––
––
––
0.55
1.0
––
––
––
––
0.55
––
1.0
VDC
Reverse Leakage Current
(TA = 25 ºC, VR = Rated, 300 µs Minimum Pulse)
IR1
––
200
––
150
nA
Reverse Leakage Current
(TA = 100 ºC, VR = Rated, 300 µs Minimum Pulse)
IR2
––
200
––
150
µA
Junction Capacitance
(VR = 0 VDC, VSIG = 50 mVPK, TA = 25ºC, f = 1MHz)
SPD5711 and SPD5712
SPD5711A and SPD5712A
CJ1
CJ2
––
2.0
1.2
––
2.0
1.2
pF
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Maximum Ratings and Electrical Characteristics @ 25°C Unless Otherwise Specified.
DIMENSIONS
DIM
MIN.
MAX.
A
0.068”
0.076”
B
0.150”
0.170”
C
1.00”
1.50”
Case Outline:
Note: Lead Diameter is not controlled within 0.050” of the diode body.
D
0.014”
0.022”
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0008B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com