Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD5712 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5712
Description  33 - 75 mA 16 - 50 VOLTS SCHOTTKY SMALL SIGNAL DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5712 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5712 Datasheet HTML 1Page - Solid States Devices, Inc SPD5712 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD5711
SPD5712 __ __
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
│
│
└ Junction Capacitance __ = 2.0 pF
A = 1.2 pF
│
│
│
│
│
│
│
│
└ Family/Rating SPD5711 = 50V, 33mA
SPD5712 = 16V, 75mA
SPD5711, SPD5711A
And
SPD5712, SPD5712A
33 - 75 mA
16 – 50 VOLTS
SCHOTTKY SMALL SIGNAL DIODE
Features:
•
Extremely Low Turn On Voltage
•
Ultra Fast Switching
•
Hermetically Sealed
•
Replacement for 1N5711 and 1N5712 with
Improved Thermal Resistance
•
Primary Intended for High Level UHF/VHF
Detection and Pulse Applications with a Broad
Dynamic Range
•
TX, TXV, and S-Level Screening Available 2/
•
A Suffix = Selection for Low Cj- 1.2pF Max
Maximum Ratings 3/
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SPD5711
SPD5712
VRRM
VRWM
VR
50
15
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TC = 25 °C)
SPD5711
SPD5712
IO
33
75
mAmps
Operating & Storage Temperature
TOP & TSTG
-65 to+150
°C
Maximum Thermal Resistance,
Junction to Lead, L = 3/8”
R0JL
250
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Maximum Ratings and Electrical Characteristics @ 25°C Unless Otherwise Specified.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0008B
DOC


Similar Part No. - SPD5712

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5712 SSDI-SPD5712 Datasheet
114Kb / 2P
SCHOTTKY SMALL SIGNAL DIODE
More results

Similar Description - SPD5712

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4148W RECTRON-1N4148W Datasheet
155Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
BAV16W RECTRON-BAV16W Datasheet
49Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
SD101BW RECTRON-SD101BW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 50 Volts
logo
SeCoS Halbleitertechnol...
SCS715T SECOS-SCS715T Datasheet
126Kb / 2P
30 mA, 40 V Small Signal Schottky Diode
logo
Micro Commercial Compon...
BAS86 MCC-BAS86 Datasheet
732Kb / 3P
200mW Small Signal Schottky Barrier Diodes 50 Volts
DL4151 MCC-DL4151_11 Datasheet
235Kb / 4P
500mA Small Signal Diode 75 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Rectron Semiconductor
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com