Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR24C60 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR24C60
Description  24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR24C60 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR24C60 Datasheet HTML 1Page - Solid States Devices, Inc SSR24C60 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SSR24C60CT
SERIES
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics (Per Leg)
SYMBOL
UNITS
VF2
MAX
IR1
µµµµµA
200
Reverse Leakage Current
(VR = Rated VR, TJ = 25
oC, 300
µs pulse)
Instantaneous Forward Voltage Drop
(TJ = 25
oC, 300
µsec Pulse )
1.38
1.90
Volts
VF1
Instantaneous Forward Voltage Drop
(TJ = 150
oC, 300
µsec pulse )
1.35
1.85
Volts
CJ
pF
-
Junction Capacitance
(VR = 10Vdc, Tc = 25
oC, f = 1Mhz)
MIN
--
--
--
--
IR2
µµµµµA
1000
Reverse Leakage Current
(VR = Rated VR, TJ = 150
oC, 300
µs pulse)
--
QC
nC
-
Total Capacitive Charge
(VR = 400Vdc, IF = 5A, di/dt = 200A/µs, TJ = 150
oC)
--
TYP
100
1.30
1.70
1.30
1.70
200
400
26
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ All Electrical Characteristics @ 25oC, Unless Otherwise Specified.
4/ If High Temp Operation is Desired (>175
oC) Consult Factory For Soldering Consideration.
PIN ASSIGNMENT
Pin 3
Pin 1
PACKAGE
Cathode
Anode
Cerpack (G)
Available Part Numbers:
SSR24C60CTS.5 SSR24C50CTS.5
SSR24C60CTG SSR24C50CTG
Pin 2
Anode
Anode
Cathode
SMD.5 (S.5)
Anode
IF = 6A
IF = 12A
IF = 6A
IF = 12A
Instantaneous Forward Voltage Drop
(TJ = -55
oC, 300
µsec pulse )
IF = 6A
IF = 12A
VF3
1.40
1.68
1.30
1.60
Volts
--



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com