Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR24C60 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR24C60
Description  24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR24C60 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR24C60 Datasheet HTML 1Page - Solid States Devices, Inc SSR24C60 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SSR24C60CT
SERIES
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RS0020C
DATA SHEET #:
Maximum Ratings 3/
SYMBOL
UNITS
VALUE
24 AMP
600 VOLTS SCHOTTKY
SILICON CARBIDE
CENTER TAP RECTIFIER
DESIGNER'S DATA SHEET
SSR24C 60 CT S.5 TX
Screening
= Not Screened
TX = TX Level
TXV = TXV Level
Package
S.5 = SMD .5
G = Cerpack
Configuration
CT = Centertap
Voltage
50 = 500V
60 = 600V
Part Number /Ordering Information 1/
FEATURES:
• World's Smallest Hermetic SIC Centertap
Rectifier
• High Voltage, 600V
• Very High Operating Temperature, 250°C
• No Recovery Time (tfr or trr)
• High Current Operation, 24A
• Hermetically Sealed Packaging
• TX, TXV, S Level Screening Available
Peak Repetitive Reverse and
Peak Surge Reverse Voltage
12
24
Amps
Io
VRRM
VRSM
Average Rectified Forward Current
Per Leg
(Resistive load, 60Hz, Sine Wave)
Total
40
Amps
IFSM
500
600
Maximum Thermal Resistance
Junction to Ambient
Junction to Case
1.9
oC/W
RΘ
Θ
Θ
Θ
ΘJC
oC
-55 TO +250°
TOP & Tstg
Operating and Storage Temperature 4/
Volts
120
Watts
Pd
Power Dissipation
(Tc = 25°C)
Non Repetitive Peak Surge Current
Per Leg
(8.3 ms Pulse, Half Sine Wave Superimposed on Io)
SSR24C50
SSR24C60
SMD.5 (S.5)
Cerpack (G)
3
1
3
2
2
1


Similar Part No. - SSR24C60

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR24C60 SSDI-SSR24C60 Datasheet
72Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
logo
List of Unclassifed Man...
SSR24C60CT ETC1-SSR24C60CT Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
logo
Solid States Devices, I...
SSR24C60CT SSDI-SSR24C60CT Datasheet
72Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
logo
List of Unclassifed Man...
SSR24C60CTG ETC1-SSR24C60CTG Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
SSR24C60CTGTX ETC1-SSR24C60CTGTX Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
More results

Similar Description - SSR24C60

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MR2406FR MCC-MR2406FR Datasheet
389Kb / 3P
24 Amp Rectifier 600 Volts
logo
List of Unclassifed Man...
SSR24C60CT ETC1-SSR24C60CT Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
logo
International Rectifier
20CTQ030 IRF-20CTQ030 Datasheet
287Kb / 6P
AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
Solid States Devices, I...
SSR2008CTM SSDI-SSR2008CTM Datasheet
178Kb / 2P
20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER
SSR02C60 SSDI-SSR02C60 Datasheet
165Kb / 3P
2 AMP / 600 V SILICON CARBIDE SCHOTTKY RECTIFIER
SSR3515CTS1 SSDI-SSR3515CTS1 Datasheet
78Kb / 2P
CENTER TAP POWER SCHOTTKY RECTIFIER
SH0053A SSDI-SH0053A Datasheet
78Kb / 2P
CENTER TAP POWER SCHOTTKY RECTIFIER
RS0206 SSDI-RS0206_15 Datasheet
219Kb / 2P
CENTER TAP POWER SCHOTTKY RECTIFIER
SH0053A SSDI-SH0053A_15 Datasheet
78Kb / 2P
CENTER TAP POWER SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
HS5JL MCC-HS5JL Datasheet
420Kb / 4P
5 Amp Silicon Rectifier 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com