Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECC204-SSVCZ-T Datasheet(PDF) 24 Page - Microchip Technology

Part # ECC204-SSVCZ-T
Description  ECC204 CryptoAuthentication™ Summary Data Sheet
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECC204-SSVCZ-T Datasheet(HTML) 24 Page - Microchip Technology

Back Button ECC204-SSVCZ-T Datasheet HTML 19Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 20Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 21Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 22Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 23Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 24Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 25Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 26Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 27Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ECC204
© 2023 Microchip Technology Inc.
and its subsidiaries
Summary Data Sheet
DS40002436A-page 24
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
-XX
X
XX
-X
Device
Package
Temp Range
I/O Type
Tape and Reel
Device:
ECC204: Cryptographic Coprocessor with Secure Hardware-Based Key Storage
Package Options
SS 8-Lead (0.150” Body), Plastic Gull Wing Small Outline (JEDEC
® SOIC)
MA 8-Pad (2 x 3 x 0.6 mm Body), Thermally Enhanced Plastic Ultra Thin Dual Flat No
Lead Package (UDFN)
RB 3RB, 3-Lead (2.5 x 6.5 mm Body), 2.0 mm pitch, Contact Package (Sawn).
Temperature Option
V
Extended Industrial Temperature Range: -40℃ to +105℃
I/O Type
CZ Single-Wire Interface
DA I2C Interface
Tape and Reel Options B
Tube
T
Tape and Reel (size varies by package type)
Examples:
• ECC204-SSVCZ-T: 8-Lead (0.150” Body), Plastic Gull Wing Small Outline (JEDEC
® SOIC), -40℃ to +105℃,
Single-Wire, Tape and Reel, 3,300 per Reel.
• ECC204-SSVDA-T: 8-Lead (0.150” Body), Plastic Gull Wing Small Outline (JEDEC SOIC), -40℃ to +105℃, I2C,
Tape and Reel, 3,300 per Reel.
• ECC204-MAVCZ-T: 8-Pad (2 x 3 x 0.6 mm Body), Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead
Package (UDFN), -40℃ to +105℃, Single-Wire, Tape and Reel, 5,000 per Reel.
• ECC204-MAVDA-T: 8-Pad (2 x 3 x 0.6 mm Body), Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead
Package (UDFN), -40℃ to +105℃, I2C, Tape and Reel, 5,000 per Reel.
• ECC204-RBVCZ-T: 3-Lead Contact Package, -40℃ to +105℃, Single-Wire, Tape and Reel, 5,000 per Reel.
• ECC204-RBVCZ-B: 3-Lead Contact Package, -40℃ to +105℃, Single-Wire, Tube, 56 per Tube.
Notes: 
1.
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with your Microchip Sales Office for package
availability with the Tape and Reel option.
2.
Small form-factor packaging options may be available. Please check www.microchip.com/packaging for small-
form factor package availability or contact your local Sales Office.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip products:
• Microchip products meet the specifications contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is secure when used in the intended manner, within operating
specifications, and under normal conditions.
• Microchip values and aggressively protects its intellectual property rights. Attempts to breach the code
protection features of Microchip product is strictly prohibited and may violate the Digital Millennium Copyright
Act.
• Neither Microchip nor any other semiconductor manufacturer can guarantee the security of its code. Code
protection does not mean that we are guaranteeing the product is “unbreakable”. Code protection is constantly
evolving. Microchip is committed to continuously improving the code protection features of our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com