Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECC204-SSVCZ-T Datasheet(PDF) 8 Page - Microchip Technology

Part # ECC204-SSVCZ-T
Description  ECC204 CryptoAuthentication™ Summary Data Sheet
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECC204-SSVCZ-T Datasheet(HTML) 8 Page - Microchip Technology

Back Button ECC204-SSVCZ-T Datasheet HTML 4Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 5Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 6Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 7Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 8Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 9Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 10Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 11Page - Microchip Technology ECC204-SSVCZ-T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ECC204
Electrical Characteristics
© 2023 Microchip Technology Inc.
and its subsidiaries
Summary Data Sheet
DS40002436A-page 8
3.
Electrical Characteristics
3.1
Absolute Maximum Ratings
Operating Temperature
-40°C to +105°C
Storage Temperature
-65°C to +150°C
Maximum Operating Voltage
6.0V
DC Output Low Current
20 mA
Voltage on any Pin -0.5V to (VCC + 0.5V)
-0.5V to (VCC + 0.5V)
ESD Ratings:
Human Body Model (HBM) ESD I2C Devices
>4 kV
Human Body Model (HBM) ESD SWI Devices
>7 kV
Charge Device Model (CDM) ESD
>2 kV
Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of this specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
3.2
DC Parameters
3.2.1
DC Parameters: All I/O Interfaces
Table 3-1. DC Parameters on All I/O Interfaces with VCC Power Applied
Unless otherwise indicated, these values are applicable over the specified operating range from TA = -40°C to +105°C, VCC =
+1.65V to +5.5V.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Ambient Operating
Temperature
TA
-40
—
+105
°C
—
VCC Ramp Rate(4)
VRISE
—
—
0.1
V/µs —
Output Low Voltage
VOL
—
—
0.4
V
When the device is in Active mode,
VCC = 1.65V to 3.6V for output-low current = 4.0 mA
—
—
0.4
V
VCC > 3.6V = 10.0 mA(4)
Input Low Threshold
VIL1
-0.5
—
0.3*VCC
V
Device is active and CMOSEnable = 1
Input High Threshold
VIH1
0.7*VCC
—
VCC+0.5
V
Device is active and CMOSEnable = 1
Input Low Threshold(1, 2)
VIL0
-0.5
—
0.5
V
Device is active and CMOSEnable = 0
Input High Threshold(1, 2)
VIH0
1.2
—
VCC+0.5
V
Device is active and CMOSEnable = 0
Input Leakage (I2C Signals)
IIN
-200
—
200
nA
VIN = VCC or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com